Electronic Components Datasheet Search
  English  ▼

X  

2SC2023 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC2023
Description  Silicon NPN Triple Diffused Planar Transistor(Series Regulator, Switch, and General Purpose)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC2023 Datasheet(HTML) 1 Page - Sanken electric

  2SC2023 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
58
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
1
2
2
13
4
Collector-Emitter Voltage V CE(V)
I B=200mA
I B=20mA/stop
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
3
2
1
0
0.1
0.2
0.3
Base Current I B(A)
I C=1A
2A
3
1 0
1000 2000
100
10
50
100
200
Collector Current I C(mA)
(V CE=4V)
Typ
0.2
0.5
1
5
1
1 0
100
1000 2000
Time t(ms)
10
100
2
500
0.02
0.1
1
0.5
0.05
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
40
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
50x50x2
100x100x2
150x150x2
Without Heatsink
0
2
1
0
1.0
0.8
0.6
0.4
0.2
Base-Emittor Voltage V BE(V)
(V CE=4V)
(V CE=4V)
3
5
10
50
100
500 1000 2000
10
50
200
100
Collector Current I C(mA)
25˚C
–30˚C
125˚C
–0.003
–0.01
–0.05 –0.1
–0.5
–1
10
0
20
(V CE=12V)
Emitter Current I E(A)
Typ
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
Silicon NPN Triple Diffused Planar Transistor
Application : Series Regulator, Switch, and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SC2023
300
300
6
2
0.2
40(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
2SC2023
1.0max
1.0max
300min
30min
1.0max
10typ
75typ
Unit
mA
mA
V
V
MHz
pF
Conditions
VCB=300V
VEB=6V
IC=25mA
VCE=4V, IC=0.5A
IC=1.0A, IB=0.2A
VCE=12A, IE=–0.2A
VCB=10V, f=1MHz
2SC2023
(Ta=25°C)
(Ta=25°C)
External Dimensions MT-25(TO220)
BE
2.5
2.5
C
1.35
0.65
+0.2
-0.1
10.2±0.2
ø3.75±0.2
4.8±0.2
1.4
2.0±0.1
a
b
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
100
RL
(
Ω)
100
IC
(A)
1.0
VB2
(V)
–5
IB2
(mA)
–200
ton
(
µs)
0.3typ
tstg
(
µs)
4.0typ
tf
(
µs)
1.0typ
IB1
(mA)
100
Weight : Approx 2.6g
a. Type No.
b. Lot No.


Similar Part No. - 2SC2023

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2023 ISC-2SC2023 Datasheet
56Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2023 SAVANTIC-2SC2023 Datasheet
98Kb / 3P
Silicon NPN Power Transistors
2SC2023 SAVANTIC-2SC2023 Datasheet
99Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2023

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3679 SANKEN-2SC3679 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3830 SANKEN-2SC3830 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3832 SANKEN-2SC3832 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4020 SANKEN-2SC4020 Datasheet
23Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4297 SANKEN-2SC4297 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4299 SANKEN-2SC4299 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4300 SANKEN-2SC4300 Datasheet
26Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC5333 SANKEN-2SC5333 Datasheet
22Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Series Regulator, Switch, and General Purpose)
2SD2557 SANKEN-2SD2557 Datasheet
20Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Series Regulator and General Purpose)
2SD2558 SANKEN-2SD2558 Datasheet
20Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Series Regulator and General Purpose)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com