Electronic Components Datasheet Search
  English  ▼

X  

0712433002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0712433002
Description  1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, 184 Circuits, Offset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0712433002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0712433002 Datasheet HTML 1Page - Molex Electronics Ltd. 0712433002 Datasheet HTML 2Page - Molex Electronics Ltd. 0712433002 Datasheet HTML 3Page - Molex Electronics Ltd. 0712433002 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0712433002
Status:
Active
Description:
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, 184 Circuits, Offset
Documents:
3D Model
Product Specification PS-71243-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
71243
Component Type
Memory Module
JEDEC Outline
MO-206
Product Name
DDR DIMM, DIMM
Physical
Circuits (Loaded)
184
Circuits (maximum)
184
Color - Resin
Black, Natural
Durability (mating cycles max)
25
Entry Angle
Vertical
Flammability
94V-0
Function Key
None
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.127 In
PC Tail Length (mm)
3.23 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.81
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
100V AC (RMS)/DC
Voltage Key
Left
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71243Series
Mates With
JEDEC MO-206 modules


Similar Part No. - 0712433002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0712433001 MOLEX8-0712433001 Datasheet
221Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, 184 Circuits
0712433004 MOLEX8-0712433004 Datasheet
221Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433005 MOLEX8-0712433005 Datasheet
221Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433007 MOLEX8-0712433007 Datasheet
221Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433009 MOLEX8-0712433009 Datasheet
220Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
More results

Similar Description - 0712433002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0712433001 MOLEX8-0712433001 Datasheet
221Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, 184 Circuits
0712433102 MOLEX8-0712433102 Datasheet
205Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712435000 MOLEX8-0712435000 Datasheet
200Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433009 MOLEX8-0712433009 Datasheet
220Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433005 MOLEX8-0712433005 Datasheet
221Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433007 MOLEX8-0712433007 Datasheet
221Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712435001 MOLEX8-0712435001 Datasheet
200Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712435100 MOLEX8-0712435100 Datasheet
190Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433105 MOLEX8-0712433105 Datasheet
204Kb / 3P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
0712433004 MOLEX8-0712433004 Datasheet
221Kb / 4P
1.27mm (.050") Pitch DDR DIMM Socket, Single Key, Vertical, Plastic Peg, 184 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com