Electronic Components Datasheet Search
  English  ▼

X  

2SC4020 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4020
Description  Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4020 Datasheet(HTML) 1 Page - Sanken electric

  2SC4020 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
83
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor)
Application : Switching Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SC4020
900
800
7
3(Pulse6)
1.5
50(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
2SC4020
100max
100max
800min
10 to 30
0.5max
1.2max
6typ
40typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=800V
VEB=7V
IC=10mA
VCE=4V, IC=0.7A
IC=0.7A, IB=0.14A
IC=0.7A, IB=0.14A
VCE=12V, IE=–0.3A
VCB=10V, f=1MHz
2SC4020
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
t on•t stg•t f– I C Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
VCE(sat),VBE(sat)–IC Temperature Characteristics (Typical)
Pc – T a Derating
Reverse Bias Safe Operating Area
Safe Operating Area (Single Pulse)
0.03
0.1
0.05
15
0.5
0
2
1
Collector Current I C(A)
V BE(sat)
V CE(sat)
h FE– I C Characteristics (Typical)
0.1
1
0.5
3
0.2
0.5
5
6
1
Collector Current I C(A)
t stg
t on
t f
VCC
250V
IC:IB1:– IB2=2:0.3:1 Const.
0.3
1
5
0.5
1
1 0
100
1000
2000
Time t(ms)
50
40
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
100
500
50
1000
1
0.5
0.1
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
L=3mH
IB2=–1.0A
Duty:less than 1%
50
100
500
1000
1
0.5
0.1
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
100
µ
s
(I C/I B=5)
0.02
0.1
0.05
1
3
0.5
2
5
10
50
Collector Current I C(A)
(V CE=4V)
0
3
1
2
0
1.2
0.4
0.6
0.8
1.0
0.2
Base-Emittor Voltage V BE(V)
(V CE=4V)
125˚C
25˚C
–30˚C
0
0
2
1
3
2
13
4
Collector-Emitter Voltage V CE(V)
300mA
400mA
500mA
140mA
200mA
100mA
60mA
I B=20mA
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
250
RL
(
Ω)
357
IC
(A)
0.7
VBB2
(V)
–5
IB2
(A)
–0.35
ton
(
µs)
1max
tstg
(
µs)
5max
tf
(
µs)
1max
IB1
(A)
0.1
VBB1
(V)
10
External Dimensions MT-25(TO220)
BE
2.5
2.5
C
1.35
0.65
+0.2
-0.1
10.2±0.2
ø3.75±0.2
4.8±0.2
1.4
2.0±0.1
a
b
Weight : Approx 2.6g
a. Type No.
b. Lot No.


Similar Part No. - 2SC4020

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4020 ISC-2SC4020 Datasheet
59Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4020 SAVANTIC-2SC4020 Datasheet
98Kb / 3P
Silicon NPN Power Transistors
2SC4020 SAVANTIC-2SC4020 Datasheet
100Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4020

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3679 SANKEN-2SC3679 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3830 SANKEN-2SC3830 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3831 SANKEN-2SC3831 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3832 SANKEN-2SC3832 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3927 SANKEN-2SC3927 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4073 SANKEN-2SC4073 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4297 SANKEN-2SC4297 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4299 SANKEN-2SC4299 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4300 SANKEN-2SC4300 Datasheet
26Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC5071 SANKEN-2SC5071 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com