Electronic Components Datasheet Search
  English  ▼

X  

2SC4131 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4131
Description  Silicon NPN Epitaxial Planar Transistor(DC-DC Converter, Emergency Lighting Inverter and General Purpose)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4131 Datasheet(HTML) 1 Page - Sanken electric

  2SC4131 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
Silicon NPN Epitaxial Planar Transistor
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
100
50
15
15(Pulse25)
4
60(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
10max
10max
50min
60 to 360
0.5max
1.2max
18typ
210typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=100V
VEB=15V
IC=25mA
VCE=1V, IC=5A
IC=5A, IB=80mA
IC=5A, IB=80mA
VCE=12V, IE=–1A
VCB=10V, f=1MHz
2SC4131
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
4
15
8
12
24
6
Collector-Emitter Voltage V CE(V)
85mA
15mA
25mA
40mA
80mA
Safe Operating Area (Single Pulse)
I B=7mA
0
1.0
1.3
0.5
0.002
0.1
0.01
2
1
Base Current I B(A)
I C=1A
15A
3A
5A
10A
0.02
0.1
1
1 0 1 5
70
100
500
1000
Collector Current I C(A)
(V CE=1V)
Typ
0.02
0.1
1
1 0 1 5
70
100
500
1000
Collector Current I C(A)
(V CE=1V)
0.3
0.5
1
3
1
1 0
100
1000
Time t(ms)
t on•t stg•t f– I C Characteristics (Typical)
0.1
1
0.5
10
5
0.08
0.1
0.5
5
1
Collector Current I C(A)
t stg
t on
t f
V CC
20V
I C=5A
I B1=–I B2
=80mA
10
50
3
5
100
0.4
1
40
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
1ms
60
40
20
3.5
0
0
5 0
100
150
Ambient Temperature Ta(˚C)
Without Heatsink
25˚C
–30˚C
125˚C
0
15
10
5
0
1.5
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=1V)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
20
RL
(
Ω)
4
IC
(A)
5
VBB2
(V)
–5
IB2
(A)
–0.08
ton
(
µs)
0.5typ
tstg
(
µs)
2.0typ
tf
(
µs)
0.4typ
IB1
(A)
0.08
VBB1
(V)
10
Application : DC-DC Converter, Emergency Lighting Inverter and General Purpose
External Dimensions FM100(TO3PF)
4.4
1.5
1.5
BE
C
5.45±0.1
ø3.3±0.2
1.75
2.15
1.05
+0.2
-0.1
5.45±0.1
15.6±0.2
5.5±0.2
3.45
3.35
0.65
+0.2
-0.1
±0.2
0.8
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
LOW VCE (sat)


Similar Part No. - 2SC4131

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4131 SAVANTIC-2SC4131 Datasheet
155Kb / 3P
Silicon NPN Power Transistors
logo
Sanken electric
2SC4131 SANKEN-2SC4131 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Transistor
logo
Savantic, Inc.
2SC4131 SAVANTIC-2SC4131 Datasheet
157Kb / 3P
Silicon NPN Power Transistors
logo
Sanken electric
2SC4131 SANKEN-2SC4131_07 Datasheet
34Kb / 1P
Silicon NPN Epitaxial Planar Transistor
More results

Similar Description - 2SC4131

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3834 SANKEN-2SC3834 Datasheet
23Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
2SC3835 SANKEN-2SC3835 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
2SC4024 SANKEN-2SC4024 Datasheet
23Kb / 1P
Silicon NPN Epitaxial Planar Transistor(DC-DC Converter, Emergency Lighting Inverter and General Purpose)
2SC4064 SANKEN-2SC4064 Datasheet
24Kb / 1P
Silicon NPN Epitaxial Planar Transistor(DC Motor Driver and General Purpose)
2SC4065 SANKEN-2SC4065 Datasheet
25Kb / 1P
Silicon NPN Epitaxial Planar Transistor(DC Motor Driver and General Purpose)
2SC4153 SANKEN-2SC4153 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
2SC5370 SANKEN-2SC5370 Datasheet
12Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Emergency Lighting Inverter and General Purpose)
logo
Sanyo Semicon Device
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3237 SANYO-CPH3237 Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3217 SANYO-MCH3217 Datasheet
38Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com