Electronic Components Datasheet Search
  English  ▼

X  

2SC4301 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4301
Description  Silicon NPN Triple Diffused Planar Transistor(Switching Regulator, Lighting Inverter and General Purpose)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4301 Datasheet(HTML) 1 Page - Sanken electric

  2SC4301 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
100
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor)
Application : Switching Regulator, Lighting Inverter and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
900
800
7
7(Pulse14)
3.5
80(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
100max
100max
800min
10 to 30
0.5max
1.2max
6typ
105typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=800V
VEB=7V
IC=10mA
VCE=4V, IC=3A
IC=3A, IB=0.6A
IC=3A, IB=0.6A
VCE=12V, IE=–1A
VCB=10V, f=1MHz
2SC4301
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
t on•t stg•t f– I C Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
VCE(sat),VBE(sat)–IC Temperature Characteristics (Typical)
Pc – T a Derating
Reverse Bias Safe Operating Area
Safe Operating Area (Single Pulse)
0
0
4
2
6
2
13
4
Collector-Emitter Voltage V CE(V)
700mA
500mA
300mA
200mA
I B=100mA
1A
0.02
0.1
0.05
1
5
0.5
7
0
1
(I C/I B=5)
Collector Current I C(A)
V BE(sat)
125˚C
(Case
Temp)
25˚C (Case
Temp)
–55˚C (Case
Temp)
–55˚C
V CE(sat)
12
5˚
C
0.1
1
0.5
7
5
0.2
0.5
5
10
1
Collector Current I C(A)
t stg
t on
t f
VCC
250V
IC:IB1:IB2=2:0.3:–1 Const.
0.1
1
2
0.5
1
1 0
100
1000
Time t(ms)
80
60
40
20
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
100
500
50
1000
1
0.5
0.1
10
20
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
L=3mH
IB2=–1.0A
Duty :less than1%
50
100
500
1000
1
0.5
0.1
10
20
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
100
µs
0
7
2
4
6
0
1.2
0.4
0.6
0.8
1.0
0.2
Base-Emittor Voltage V BE(V)
(V CE=4V)
0.02
0.1
0.05
1
7
5
0.5
5
10
50
Collector Current I C(A)
(V CE=4V)
125˚C
25˚C
–55˚C
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
250
RL
(
Ω)
83
IC
(A)
3
VBB2
(V)
–5
IB2
(A)
–1.5
ton
(
µs)
1max
tstg
(
µs)
5max
tf
(
µs)
1max
IB1
(A)
0.45
VBB1
(V)
10
External Dimensions FM100(TO3PF)
4.4
1.5
1.5
BE
C
5.45±0.1
ø3.3±0.2
1.75
2.15
1.05
+0.2
-0.1
5.45±0.1
15.6±0.2
5.5±0.2
3.45
3.35
0.65
+0.2
-0.1
±0.2
0.8
a
b
Weight : Approx 6.5g
a. Part No.
b. Lot No.


Similar Part No. - 2SC4301

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4301 SAVANTIC-2SC4301 Datasheet
187Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4301 JMNIC-2SC4301 Datasheet
200Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4301 ISC-2SC4301 Datasheet
159Kb / 4P
Silicon NPN Power Transistors
logo
Sanken electric
2SC4301 SANKEN-2SC4301 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Savantic, Inc.
2SC4301 SAVANTIC-2SC4301 Datasheet
189Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4301

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3679 SANKEN-2SC3679 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3830 SANKEN-2SC3830 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC3832 SANKEN-2SC3832 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4020 SANKEN-2SC4020 Datasheet
23Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4297 SANKEN-2SC4297 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4299 SANKEN-2SC4299 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4300 SANKEN-2SC4300 Datasheet
26Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
2SC4434 SANKEN-2SC4434 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator, Lighting Inverter, and General Purpose)
2SC4518 SANKEN-2SC4518 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator, Lighting Inverter and General Purpose)
2SC4546 SANKEN-2SC4546 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator, Lighting Inverter and General Purpose)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com