Electronic Components Datasheet Search
  English  ▼

X  

EK13 Datasheet(PDF) 1 Page - Sanken electric

Part # EK13
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EK13 Datasheet(HTML) 1 Page - Sanken electric

  EK13 Datasheet HTML 1Page - Sanken electric EK13 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AK 03, 04
5
10
25
20
15
0
1
5
50
10
20ms
Schottky Barrier Diodes 30V, 40V
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(mA)
IR (H)
(mA)
trr
(ns)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
AK 03
1.0
30
40
1.5
1.7
2.5
3.0
1.0
1.5
1.7
2.5
3.0
25
40
60
50
80
25
40
60
50
80
0.55
1.0
1.0
2.0
2.5
3.0
1.0
1.0
2.0
2.5
3.0
1.0
100
100
100
100
200
200
1.0
5.0
50
5.0
50
100/100
–40 to +150
22.0
0.13
20.0
0.3
17.0
0.3
15.0
0.45
12.0
0.6
8.0
1.2
22.0
0.13
20.0
0.3
17.0
0.3
15.0
0.45
12.0
0.6
8.0
1.2
EK 03
EK 13
RK 13
RK 33
RK 43
AK 04
EK 04
EK 14
RK 14
RK 34
RK 44
A
A
B
C
D
E
F
B
C
D
E
F
10
20
40
30
0
1
5
50
10
20ms
0
25
50
75
100
150
125
0
0.2
0.4
0.6
0.8
1.0
EK 03, 04
0
25
50
75
100
150
125
0
0.2
0.4
0.6
0.8
1.0
10
1
0.1
0.01
10
100
1
0.1
10
1
0.1
0.01
100
10
1
0.1
EK 13, 14
10
20
40
30
0
1
5
50
10
20ms
0
25
50
75
100
150
125
0
0.3
0.6
0.9
1.2
1.5
4.0
±0.2
0.78
±0.05
Cathode Mark
4.0
±0.2
0.98
±0.05
Cathode Mark
1.4
±0.1
6.5
±0.2
Cathode Mark
2.7
±0.2
0.6±
0.05
Cathode Mark
2.4
±0.1
0.57±
0.02
Cathode Mark
0.2
1.0
1.2
0
0.4
0.6
0.8
10
50
60
0
20
30
40
20
10
1
0.1
0.01
0.001
10
50
1
0.001
0.1
0.01
0.2
1.0
1.2
0
0.4
0.6
0.8
10
50
60
0
20
30
40
Ta 125ºC
=
25ºC
Ta 125ºC
=
Ta 25ºC
=
0.2
1.0
1.2
0
0.4
0.6
0.8
Ta 125ºC
=
25ºC
10
50
60
0
20
30
40
Ta 125ºC
=
Ta 25ºC
=
50
P.C.B. t 1.6
3.0 t 50
µCu
Ta 125ºC
=
100ºC
60ºC
27ºC
125ºC
100ºC
60ºC
27ºC
50
(Tj =100
°C)
50
(Tj =100
°C)
2.7
±0.2
0.78
±0.05
Cathode Mark
88
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
C
Fig.
D
Fig.
E
Fig.
F
Fig.
Rth (j- )


Similar Part No. - EK13

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EK13 SANKEN-EK13 Datasheet
75Kb / 2P
Schottky Barrier Diodes
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
EVALUATION KIT FOR PA241DF
logo
Asahi Kasei Microsystem...
EK130 AKM-EK130 Datasheet
840Kb / 14P
TCM Integrated Transceiver
logo
Power-One
EK1301-7R POWER-ONE-EK1301-7R Datasheet
173Kb / 4P
150 Watt DC-DC Converters
More results

Similar Description - EK13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com