Electronic Components Datasheet Search
  English  ▼

X  

EU01Z Datasheet(PDF) 1 Page - Sanken electric

Part # EU01Z
Description  Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EU01Z Datasheet(HTML) 1 Page - Sanken electric

  EU01Z Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.7
±0.2
0.6±
0.05
Cathode Mark
2.7
±0.2
0.78±
0.05
Cathode Mark
0
25
50
75
100
125
150
0
0.05
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
0
0.05
0.10
0.15
0.20
0.25
0.10
0.15
0.20
0.25
L =10mm
L =10mm
P.C.B
180•100•1.6t
10mm
L =10mm
L =10mm
P.C.B
180•100•1.6t
10mm
0
1
5
50
10
15
10
5
20ms
0.2
0.4
0.6 0.8
1.0
1.2
1.4 1.6 1.8
Ta 150ºC
=
25ºC
100ºC
0.3
0.5
0.7
0.9
1.1
0.1
1.3
Ta 150ºC
=
60ºC
100ºC
25ºC
0
1
5
50
10
15
10
5
20ms
0
1
5
50
10
15
10
5
20ms
EU01 series
EU02 series
EU 1 series
1
10
0.1
0.01
0.001
1
20
0.1
0.01
0.001
10
0
0.2
0.6 0.8
1.2 1.4
1.8
1
10
0.1
0.01
0.001
Ta 150ºC
=
25
ºC
100
ºC
0.4
1.0
1.6
A
Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
EU01Z
200
EU01
400
EU01A
600
EU02Z
200
EU02
400
EU02A
600
EU 1Z
200
EU 1
400
EU 1A
600
0.25
15
2.5
0.25
10
150
0.4
10/10
10/20
–40 to +150
0.18
20
0.2
B
1.0
15
1.4
1.0
10
300
0.4
10/10
10/20
0.18
20
0.2
0.25
15
2.5
0.25
10
150
0.4
10/10
10/20
0.18
17
0.3
31
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Solder
Copper Foil
Solder
Copper Foil
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
trr
Œ
(
µs)
trr

(
µs)
Rth (j- )


Similar Part No. - EU01Z

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
EU01Z BILIN-EU01Z Datasheet
66Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
EU01Z LUGUANG-EU01Z Datasheet
172Kb / 2P
High Efficiency Rectifiers
logo
SUNMATE electronic Co.,...
EU01Z SUNMATE-EU01Z Datasheet
539Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
logo
Diode Semiconductor Kor...
EU01Z DSK-EU01Z Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - EU01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com