Electronic Components Datasheet Search
  English  ▼

X  

0876642000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0876642000
Description  6.35mm (.250") and 7.62mm (.300") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??AC/DC Receptacle, Through Hole, Right Angle,32 Circuits
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876642000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0876642000 Datasheet HTML 1Page - Molex Electronics Ltd. 0876642000 Datasheet HTML 2Page - Molex Electronics Ltd. 0876642000 Datasheet HTML 3Page - Molex Electronics Ltd. 0876642000 Datasheet HTML 4Page - Molex Electronics Ltd. 0876642000 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A, 30A, 50A
Voltage - Maximum
250V (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-87631-018
Product Specification
PS-87663-006
Sales Drawing
SD-87664-011
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com