Electronic Components Datasheet Search
  English  ▼

X  

FMP-3FU Datasheet(PDF) 1 Page - Sanken electric

Part # FMP-3FU
Description  Damper diode (Diode modulation for Displays)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMP-3FU Datasheet(HTML) 1 Page - Sanken electric

  FMP-3FU Datasheet HTML 1Page - Sanken electric FMP-3FU Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0
25
5
123
4
20
15
10
0
5
t / T
1/ 3
=
t / T
1/2
=
DC
20
0
t / T
1/ 3
=
t / T
1/2
=
DC
40
60
80
100
120
140
160
1
2
3
4
5
t
T
t
T
IF
FMP-3FU
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(mA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FMP-3FU
5.0
2.0
2.5
2.0
5.0
50
50
3.0
(Tj =150
°C)
500
100
1.0
0.5
0.5
0.7
0.1
0.7
0.07
500/500
500/1000
–40 to +150
0.3
0.05
0.04
0.7
0.1
0.3
0.05
0.3
1.8
6.5
FMQ-3GU
A
4.0
2.1
B
4.0
2.0
2.5
50
600
1500
800
1700
600
1500
FMP-2FUR
10
40
30
20
50
0
1
5
50
10
20ms
20
10
1
0.1
0.01
0.001
0
0.5
1.0
1.5
2.0
25ºC
100ºC
150ºC
60ºC
1
20
10
0.1
0.01
0.001
0
0.5
1.0
1.5
2.5
2.0
25ºC
100ºC
150ºC
60ºC
t / T
1/2
=
DC
t / T
1/6
=
0
40
5
12
34
30
20
10
0
t
T
FMQ-3GU
10
40
30
20
50
0
1
5
50
10
20ms
70
0
90
110
130
150
1
2
3
4
5
50
10
1
0.1
0.01
0.001
02
14
5
36
7
8
25ºC
100ºC
Tj=150ºC
60ºC
1
50
10
0.1
0.01
0.001
0
0.5
1.0
1.5
2.0
3.0
2.5
25ºC
100ºC
Tj=150ºC
60ºC
t / T
1/6
=
t / T
1/2
=
DC
t/ T=1/ 3, Sinewave
76
Damper diode (Diode modulation for Displays)
50Hz
Half-cycle Sinewave
Single Shot
Fig.
Half-cycle sinewave
Half-cycle sinewave
Rth ( j–c) =1.8ºC/ W
Forward Voltage VF (V)
(For Damper)
VF—IF Characteristics (Typical)
Forward Voltage VF (V)
(For Compensation)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Average Forward Current
IF(AV) (A)
IF(AV)—PF(AV) Characteristics
Case Temperature
Tc (
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
(For Damper)
VF—IF Characteristics (Typical)
Forward Voltage VF (V)
(For Compensation)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Average Forward Current
IF(AV) (A)
IF(AV)—PF(AV) Characteristics
Case Temperature
Tc (
°C)
Tc —IF(AV) Derating
Around backside mounting hole
t/ T=1/ 3, Sinewave
trr
Œ
(
µs)
trr

(
µs)
Rth (j- )
Tj =150ºC
Tj =150ºC


Similar Part No. - FMP-3FU

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMP-3FU SANKEN-FMP-3FU Datasheet
23Kb / 1P
Damper Diodes (Diode modulation Type)
logo
Toshiba Semiconductor
FMP-3FU TOSHIBA-FMP-3FU Datasheet
5Mb / 70P
COLOUR TELEVISION
More results

Similar Description - FMP-3FU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV STMICROELECTRONICS-DMV Datasheet
114Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
logo
Sanken electric
FMV-3FU SANKEN-FMV-3FU Datasheet
26Kb / 1P
Damper Diode (Diode modulation for TV)
logo
Fairchild Semiconductor
FFAF60A150DS FAIRCHILD-FFAF60A150DS Datasheet
138Kb / 6P
MODULATION DAMPER DIODE
FFPF60B150DS FAIRCHILD-FFPF60B150DS Datasheet
56Kb / 6P
DAMPER MODULATION DIODE
logo
STMicroelectronics
DMV1500M STMICROELECTRONICS-DMV1500M Datasheet
73Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Jul-2001
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
DMV1500L STMICROELECTRONICS-DMV1500L Datasheet
87Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
DMV1500SD STMICROELECTRONICS-DMV1500SD Datasheet
90Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
25-Oct-2004
DMV1500HD STMICROELECTRONICS-DMV1500HD Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
DMV1500M STMICROELECTRONICS-DMV1500M_04 Datasheet
90Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com