Electronic Components Datasheet Search
  English  ▼

X  

0877057911 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0877057911
Description  1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100") Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877057911 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0877057911 Datasheet HTML 1Page - Molex Electronics Ltd. 0877057911 Datasheet HTML 2Page - Molex Electronics Ltd. 0877057911 Datasheet HTML 3Page - Molex Electronics Ltd. 0877057911 Datasheet HTML 4Page - Molex Electronics Ltd. 0877057911 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877057911
Status:
Active
Description:
1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm
(.100") Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing, Gold (Au)
Flash, with Plastic Peg, Lead Free
Documents:
3D Model
Product Specification PS-87705-802 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-87705-801 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
87705
Comments
<LI>Black Latches
Component Type
Socket
JEDEC Outline
MO-237
Product Name
DDR2 DIMM
Physical
Circuits (Loaded)
240
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Plating Mating
Gold
PC Tail Length (in)
0.100 In
PC Tail Length (mm)
2.54 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Temperature Range - Operating
-10°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
30V
Voltage Key
1.8V, Center
Material Info
Reference - Drawing Numbers
Product Specification
PS-87705-801, PS-87705-802
Sales Drawing
SD-87705-802
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87705Series
Mates With
JEDEC standard 1.27mm modules
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0877057911

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877057903 MOLEX9-0877057903 Datasheet
672Kb / 11P
1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100") Tail Length
0877057905 MOLEX9-0877057905 Datasheet
673Kb / 12P
1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100") Tail Length
More results

Similar Description - 0877057911

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877057453 MOLEX9-0877057453 Datasheet
672Kb / 12P
1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118") Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing
0877056425 MOLEX9-0877056425 Datasheet
685Kb / 11P
1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118") Tail Length, White Latches, Nylon 4/6 Glass-filled, Blue Housing
0877057030 MOLEX9-0877057030 Datasheet
672Kb / 12P
1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm(.100") Tail Length, White Latches, Nylon 6/6 Glass-filled, Green Housing, Gold (Au)
0877056050 MOLEX9-0877056050 Datasheet
685Kb / 11P
1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, Black Latches, Nylon 6/6 Glass-filled, Black Housing
0877057417 MOLEX9-0877057417 Datasheet
673Kb / 12P
1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, White Latches, Nylon 4/6 Glass-filled, White Housing
0877057022 MOLEX9-0877057022 Datasheet
672Kb / 12P
1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, White Latches, Nylon 6/6 Glass-filled, Blue Housing
0877057406 MOLEX9-0877057406 Datasheet
673Kb / 12P
1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.30mm (.091) Tail Length, White Latches, Nylon 4/6 Glass-filled, Black Housing, Gold (Au)
0877057023 MOLEX9-0877057023 Datasheet
673Kb / 12P
1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118) Tail Length, White Latches, Nylon 6/6 Glass-filled, Blue Housing
0877057020 MOLEX9-0877057020 Datasheet
673Kb / 12P
1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100") Tail Length
0877057456 MOLEX9-0877057456 Datasheet
1Mb / 22P
1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.30mm (.091) Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com