Electronic Components Datasheet Search
  English  ▼

X  

RC2 Datasheet(PDF) 1 Page - Sanken electric

Part # RC2
Description  Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RC2 Datasheet(HTML) 1 Page - Sanken electric

  RC2 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SANKEN ELECTRIC CO., LTD.
RC2
061031
1/4
61426-01
1 Scope
The present specifications shall apply to an RC2.
2 Outline
Type
Silicon Rectifier Diode
Structure
Resin Molded
Applications
High Frequency Rectification, etc.
3 Flammability
UL94V-0(Equivalent)
4 Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
2000
2
Peak Reverse Voltage
VRM
V
2000
3
Average Forward Current
IF(AV)
A
0.2
Refer to derating curve
in Section 7
4
Peak Surge Forward Current
IFSM
A
20
10ms.
Half sine wave, one shot
5
I
2t Limiting Value
I
2t
A
2s
2.0
1ms≦t≦10ms
6
Junction Temperature
Tj
°C
-40 to +150
7
Storage Temperature
Tstg
°C
-40 to +150
5 Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Rating
Conditions
1
Forward Voltage Drop
VF
V
2.0 max.
IF=0.2A
2
Reverse Leakage Current
IR
uA
10 max.
VR=VRM
3
Reverse
Leakage
Current
Under High Temperature
H・IR
uA
300 max.
VR=VRM, Tj=100°C
4
Reverse Recovery Time
trr-1
μs
4.0 max.
IF=IRP=500mA
90% Recovery point, Tj=25°C
trr-2
μs
1.3 max.
IF=0.5A, IRP=1A
75% Recovery point ,Tj=25°C
5
Thermal Resistance
Rth(j-l)
°C/W
12 max.
Between Junction and Lead


Similar Part No. - RC2

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
RC2 BILIN-RC2 Datasheet
56Kb / 2P
FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RC2 TAYCHIPST-RC2 Datasheet
911Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
236Kb / 4P
Silicon Rectifier Diode
logo
Diode Semiconductor Kor...
RC2 DSK-RC2 Datasheet
278Kb / 2P
FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
RC2 SUNMATE-RC2 Datasheet
304Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - RC2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
1N3899 NJSEMI-1N3899 Datasheet
46Kb / 1P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com