Electronic Components Datasheet Search
  English  ▼

X  

RL4A Datasheet(PDF) 1 Page - Sanken electric

Part # RL4A
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RL4A Datasheet(HTML) 1 Page - Sanken electric

  RL4A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lead Temperature T (
°C)
Lead Temperature T (
°C)
T —IF(AV) Characteristics
1.2
±0.05
5.2
±0.2
Cathode Mark
VR =VRM
Ta =100
°C max
Ultra-Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
Rth ( j-c)
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
RL 4Z
200
RL 4A
600
RX 3Z
200
3.0
3.5
80
0.95
1.5
0.98
10
3.5
150
3.0
50
500
100/200
100/200
500/1000
100/100
100/100
500/500
–40 to +150
35
25
50
30
8
1.2
10
1.0
B
A
0
25
50
75
100
125
150
0
1
2
3
4
5
1
5
50
10
20ms
RL 4Z
RL 4A
RX 3Z
80
60
40
20
0
1
5
50
10
20ms
80
60
40
20
0
Without
Heatsink
60
1
5
50
10
20ms
80
60
40
20
0
0.3
0.5
0.7
0.9
0.1
1.1
1.3
Ta 150ºC
=
60ºC
100ºC
25ºC
1
10
30
0.1
0.01
0.001
0.5
1.0
1.5
2.0
0
2.5
3.0
Ta 150ºC
=
25ºC
100ºC
1
10
50
0.1
0.01
0.001
1.4
±0.1
6.5
±0.2
Cathode Mark
130
120
100
110
90
150
140
0
1.0
0.5
2.0
1.5
2.5
3.0
VR=200V
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
130
120
110
100
150
140
0
1.0
0.5
2.0
0.5
2.5
3.0
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
t
T
100
(Tj =150
°C)
54
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Overcurrent Cycles
IFMS Rating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
trr
Œ
(ns)
trr

(ns)
T —IF(AV) Characteristics
Tj =150ºC
VR=600V


Similar Part No. - RL4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL4A ETC1-RL4A Datasheet
95Kb / 3P
Ultra-Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
RL4A LUGUANG-RL4A Datasheet
170Kb / 2P
Super Fast Rectifier
logo
Diode Semiconductor Kor...
RL4A DSK-RL4A Datasheet
274Kb / 2P
SUPER FAST RECTIFIERS
logo
Galaxy Semi-Conductor H...
RL4AZ BILIN-RL4AZ Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - RL4A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com