Electronic Components Datasheet Search
  English  ▼

X  

RM4Y Datasheet(PDF) 1 Page - Sanken electric

Part # RM4Y
Description  Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RM4Y Datasheet(HTML) 1 Page - Sanken electric

  RM4Y Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Forward Voltage VF (V)
Forward Voltage VF (V)
Forward Voltage VF (V)
VF---IF Characteristics (Typical)
VF---IF Characteristics (Typical)
VF---IF Characteristics (Typical)
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
2.5
Ambient Temperature Ta (ºC)
0
25
50
75
100
125
150
0
3.00
3.75
2.25
1.50
0.75
Without
Heatsink
0
25
50
75
100
125
150
0
0.7
1.4
2.1
2.8
3.5
Without
Heatsink
0.5
0.7
0.9
1.1
0.3
Ta 100ºC
=
25ºC
1
0.1
10
100
0
1.0
2.0
1.4
±0.1
6.5
±0.2
1.2
±0.05
5.2
±0.2
0
1
IFMS Rating
IFMS Rating
IFMS Rating
5
50
10
20ms
50
150
100
0
1
5
120
50
10
80
40
160
200
RM4B
RM4C
RM 4Y
RM 4Z
RM 4
RM 4A
0
1
5
50
10
20ms
350
100
200
300
RM3C
RM 3 series
RM 4 series
RM 4M series
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
10
100
0.1
0.01
0.001
Ta 150ºC
=
25ºC
100ºC
1
L= 20 mm
L= 20 mm
P. C. B. 1.6 t
Solder Land
5.5
5mm
5mm
5mm
5mm
Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
VR = VRM
max
VR = VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta = 25
°C)
(g)
Mass
Others
RM 3
400
RM 3A
600
RM 3B
800
RM 3C
1000
RM 4Y
100
RM 4Z
200
RM 4
400
RM 4A
600
RM 4B
800
RM 4C
1000
RM 4AM
600
2.5
2.0
1.7
(3.0)
1.8
(3.2)
(150
°C)
2.5
10
10
1.0
150
200
150
350
100
0.95
–40 to +150
A
3.0
10
8
1.2
50
3.5
10
8
1.2
50
B
0.95
0.97
0.92
16
Ta—IF (AV) Derating
Ambient Temperature Ta (ºC)
Ta—IF (AV) Derating
Ta—IF (AV) Derating
Ambient Temperature Ta (ºC)
IF (AV) (A)
50Hz
Half-cycle Sinewave
Single Shot
Fig.
( ) is with
Heatsink
Overcurrent Cycles
Overcurrent Cycles
Overcurrent Cycles
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
Cathode Mark
Cathode Mark
(
°C/W)
Rth (j- )


Similar Part No. - RM4Y

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RM4Y EIC-RM4Y Datasheet
45Kb / 2P
SILICON RECTIFIER DIODES
logo
Sanken electric
RM4Y SANKEN-RM4Y Datasheet
181Kb / 3P
Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
RM4Y EIC-RM4Y Datasheet
104Kb / 2P
PRV : 100 - 400 Volts Io : 1.7 Ampere
Rev. 03: October 8, 2012
More results

Similar Description - RM4Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com