Electronic Components Datasheet Search
  English  ▼

X  

RU2AM Datasheet(PDF) 1 Page - Sanken electric

Part # RU2AM
Description  Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RU2AM Datasheet(HTML) 1 Page - Sanken electric

  RU2AM Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
190
Diodes
*Under development
●Thru-Hole
IF (AV)
(A)
0.5
0.5
0.5
0.6
0.7
0.8
1.0
1.0
1.0
3.5
5.0
10
0.25
0.25
0.25
0.5
0.6
0.6
0.7
0.8
1.0
1.0
1.1
1.5
1.5
1.5(3.0)
2.0(3.5)
5.0
10
0.25
0.5
0.6
0.6
0.6
0.7
0.7
0.8
1.0
1.0
1.0
1.1
1.5
1.5
1.5
1.5(3.0)
3.0
3.0
5.0
5.0
10
10
10
20
IFSM
(A)
50Hz
Single Half Sine Wave
15
15
15
35
30
25
15
15
20
70
30
40
15
15
15
15
20
30
30
25
15
15
20
20
50
50
70
30
40
15
15
15
20
35
20
30
25
15
15
20
20
20
50
50
50
50
50
30
30
40
40
180
180
VRM
(V)
200
400
600
Tj
Tstg
(°C)(°C)
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
-40 to +150
VF
(V)
max
1.0
1.0
1.7
1.3
2.5
1.3
1.4
1.4
1.5
1.3
1.5
1.5
2.5
2.5
2.5
1.7
1.5
1.35
2.5
1.3
1.4
1.4
1.2
1.5
1.1
1.5
1.3
1.5
1.5
2.5
1.7
2.0
1.5
1.3
3.0
2.5
1.3
1.4
1.4
1.5
1.2
1.5
1.1
1.1
1.5
1.15
1.15
1.25
1.5
1.5
1.35
1.15
1.15
IF
(A)
0.5
0.5
0.5
0.6
0.8
0.8
1.0
1.0
1.0
3.5
2.5
5.0
0.25
0.25
0.25
0.5
0.6
0.6
0.8
0.8
1.0
1.0
1.1
1.5
1.5
3.0
3.5
2.5
5.0
0.25
0.5
0.6
0.6
0.6
0.8
0.8
0.8
1.0
1.0
1.0
1.1
1.5
1.5
1.5
3.0
3.0
3.0
5.0
2.5
5.0
10
10
10
IR
(µA)
VR=VRM
max
10
10
10
5.0
10
10
10
10
10
10
50
50
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
50
50
10
10
10
10
5.0
10
10
10
10
10
10
10
10
10
10
10
10
10
50
50
50
50
30
30
IR(H)
(µA)
VR=VRM
max
150
150
150
70
200
250
300
3000
300
300
500
3000
150
150
200
150
50
200
200
250
300
300
300
400
350
300
300
500
3000
150
150
200
50
70
200
2000
250
300
300
300
300
400
350
350
300
1000
1000
500
500
3000
500
3000
3000
Tj
(°C)
100(Ta)
100(Ta)
100(Ta)
150(Ta)
100(Ta)
100
100
150
100(Ta)
100
100(Ta)
150
100(Ta)
100(Ta)
100(Ta)
100(Ta)
100
100(Ta)
100(Ta)
100
100
100
100
100
100
100(Ta)
100
100(Ta)
150
100
100(Ta)
100(Ta)
100
150(Ta)
100(Ta)
150
100(Ta)
100
100(Ta)
100(Ta)
100
100
100
100
100(Ta)
150
150
100(Ta)
100(Ta)
150
150
150
150
Rth(j-l)
Rth(j-c)
(°C/W)
20
17
22
15
17
22
20
17
15
8.0
4.0
4.0
20
17
15
22
22
17
20
22
20
17
15
12
12
8.0
8.0
4.0
4.0
15
22
15
22
15
20
15
22
20
17
15
15
12
15
12
8
12
4.0
4.0
4.0
4.0
4.0
4.0
4.0
Mass
(g)
0.2
0.3
0.13
0.4
0.3
0.13
0.2
0.3
0.4
1.2
2.1
2.1
0.2
0.3
0.4
0.13
0.13
0.3
0.2
0.13
0.2
0.3
0.4
0.6
0.6
1.2
1.2
2.1
2.1
0.4
0.13
0.4
0.13
0.4
0.2
0.4
0.13
0.2
0.3
0.4
0.4
0.6
0.4
0.6
1.2
0.6
2.1
2.1
2.1
2.1
2.1
2.1
2.1
Package
Axial
(Body Diameter/Lead Diameter)
Axial(φ2.7/φ0.6)
Axial(φ2.7/φ0.78)
Axial(φ2.4/φ0.6)
Axial(φ4.0/φ0.78)
Axial(φ2.7/φ0.78)
Axial(φ2.4/φ0.6)
Axial(φ2.7/φ0.6)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ6.5/φ1.4)
TO-220F(Center-tap)
TO-220F(Center-tap)
Axial(φ2.7/φ0.6)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ2.4/φ0.6)
Axial(φ2.4/φ0.6)
Axial(φ2.7/φ0.78)
Axial(φ2.7/φ0.78)
Axial(φ2.4/φ0.6)
Axial(φ2.7/φ0.6)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.98)
Axial(φ6.5/φ1.4)
Axial(φ6.5/φ1.4)
TO-220F(Center-tap)
TO-220F(Center-tap)
Axial(φ4.0/φ0.78)
Axial(φ2.4/φ0.6)
Axial(φ4.0/φ0.78)
Axial(φ2.4/φ0.6)
Axial(φ4.0/φ0.78)
Axial(φ2.7/φ0.6)
Axial(φ4.0/φ0.78)
Axial(φ2.4/φ0.6)
Axial(φ2.7/φ0.6)
Axial(φ2.7/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ4.0/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ4.0/φ0.78)
Axial(φ4.0/φ0.98)
Axial(φ6.5/φ1.4)
Axial(φ4.0/φ0.98)
TO-220F2Pin
TO-220F2Pin
TO-220F(Center-tap)
TO-220F(Center-tap)
TO-220F2Pin
TO-220F2Pin
TO-220F(Center-tap)
Part
Number
EU01Z
EU 1Z
AU01Z
RH 1Z
ES 1Z
AU02Z
EU02Z
EU 2Z
RU 2Z
RU 4Z
FMU-12S, R
FMU-22S, R
EU01
EU 1
RU 1
AU01
AS01
EH 1
ES 1
AU02
EU02
EU 2
RU 2M
RU 3
RU 3M
RU 4
RU 4M
FMU-14S, R
FMU-24S, R
RU 1A
AU01A
RF 1A
AS01A
RH 1A
ES01A
RS 1A
AU02A
EU02A
EU 2A
RU 2
RU 2AM
RU 3A
RU 20A
RU 3AM
RU 4A
RY 2A
FMY-1036S
FMU-G16S
FMU-16S, R
FMU-26S, R
FMU-G26S
FMY-1106S
FMY-2206S*
4-2 Fast Recovery Diodes
trrq
(µs)
0.4
0.4
0.4
4.0
1.5
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
1.5
4.0
1.5
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
1.5
4.0
1.5
1.5
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.2
0.2
0.4
0.4
0.4
0.4
0.2
0.2
IF/IRP
(mA)
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
100/100
100/100
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
100/100
100/100
100/100
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
100/100
100/100
100/100
100/100
100/100
100/100
100/100
100/100
trrw
(µs)
0.18
0.18
0.18
1.3
0.6
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.6
1.3
0.6
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.6
1.3
0.6
0.6
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.1
0.1
0.18
0.18
0.18
0.18
0.1
0.1
IF/IRP
(mA)
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
100/200
100/200
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
100/200
100/200
100/200
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
Values in parentheses
are for the products
with heatsinks


Similar Part No. - RU2AM

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RU2AM EIC-RU2AM Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RU2AM SANKEN-RU2AM Datasheet
78Kb / 2P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RU2AM BILIN-RU2AM Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Taychipst Elec...
RU2AM TAYCHIPST-RU2AM Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Diode Semiconductor Kor...
RU2AM DSK-RU2AM Datasheet
243Kb / 2P
HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - RU2AM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com