Electronic Components Datasheet Search
  English  ▼

X  

SI-3000J Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3000J
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000J Datasheet(HTML) 2 Page - Sanken electric

  SI-3000J Datasheet HTML 1Page - Sanken electric SI-3000J Datasheet HTML 2Page - Sanken electric SI-3000J Datasheet HTML 3Page - Sanken electric SI-3000J Datasheet HTML 4Page - Sanken electric SI-3000J Datasheet HTML 5Page - Sanken electric SI-3000J Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
47
Parameter
Input Voltage
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient
of Output Voltage
Ripple Rejection
Quiescent Circuit
Current
Overcurrent Protection
Starting Current*3,5
Control Voltage (Output ON)
Control Voltage (Output OFF)
Control Current
(Output ON)
Control Current
(Output OFF)
qSI-3000J Series
Unit
V
V
V
mV
mV
mV/
°C
dB
mA
mA
A
V
µA
mA
*1: VIN(max) and IO(max) are restricted by the relation PD(max)=(VIN-VO)•IO=20(W).
*2: Refer to the dropout voltage.(Refer to Setting DC Input Voltage on page 7.)
*3: IS1 is specified at –5(%) drop point of output voltage VO on the condition that VIN=VO+3V, IO=0.5A.
*4: Output is ON even when output control terminal VC is open. Each input level is equivalent to LS-TTL. Therefore, it may be directly driven by an
LS-TTL circuit.
*5: A foldback type overcurrent protection circuit is built into the IC regulator. Therefore, avoid using it for the following applications as it may cause
starting errors:
(1) Constant current load (2) Plus/minus power (3) Series power (4) VO adjustment by raising ground voltage
Ratings
SI-3050J
SI-3090J
SI-3120J
SI-3150J
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
6*2
15*1
10*2
25*1
13*2
27*1
16*2
27*1
4.90
5.00
5.10
8.82
9.00
9.18
11.76
12.00
12.24
14.70
15.00
15.30
VIN=8V, IO=1.0A
VIN=12V, IO=1.0A
VIN=15V, IO=1.0A
VIN=18V, IO=1.0A
0.5
0.5
0.5
0.5
IO
≤1.5A
1.0
1.0
1.0
1.0
IO
≤2.0A
10
30
18
48
24
64
30
90
VIN=6 to 15V, IO=1.0A
VIN=10 to 20V, IO=1.0A
VIN=13 to 25V, IO=1.0A
VIN=16 to 25V, IO=1.0A
40
100
70
180
93
240
120
300
VIN=8V, IO=0 to 2.0A
VIN=12V, IO=0 to 2.0A
VIN=15V, IO=0 to 2.0A
VIN=18V, IO=0 to 2.0A
±0.5
±1.0
±1.5
±1.5
VIN=8V, IO=5mA, Tj=0 to 100
°CVIN=12V, IO=5mA, Tj=0 to 100°CVIN=15V, IO=5mA, Tj=0 to 100°CVIN=18V, IO=5mA, Tj=0 to 100°C
54
54
54
54
VIN=8V, f=100 to 120HZ
VIN=12V, f=100 to 120HZ
VIN=15V, f=100 to 120HZ
VIN=18V, f=100 to 120HZ
3
103
10
3
103
10
VIN=8V, IO=0A
VIN=12V, IO=0A
VIN=15V, IO=0A
VIN=18V, IO=0A
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
VIN=8V, IO=0A, VC=0.4V
VIN=12V, IO=0A, VC=0.4V
VIN=15V, IO=0A, VC=0.4V
VIN=18V, IO=0A, VC=0.4V
2.1
2.1
2.1
2.1
VIN=8V
VIN=12V
VIN=15V
VIN=18V
2.0
2.0
2.0
2.0
0.8
0.8
0.8
0.8
20
20
20
20
VC=2.7V
–0.3
–0.3
–0.3
–0.3
VC=0.4V
VC
Terminal*4
Symbol
VIN
VO
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
Iq
Conditions
Iq(off)
Conditions
IS1
Conditions
VC. IH
VC. IL
IC. IH
Conditions
IC. IL
Conditions
sElectrical Characteristics
(Ta=25
°C unless otherwise specified)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com