Electronic Components Datasheet Search
  English  ▼

X  

SI-3000N Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3000N
Description  3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000N Datasheet(HTML) 2 Page - Sanken electric

  SI-3000N Datasheet HTML 1Page - Sanken electric SI-3000N Datasheet HTML 2Page - Sanken electric SI-3000N Datasheet HTML 3Page - Sanken electric SI-3000N Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
17
Parameter
Input Voltage
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient
of Output Voltage
Ripple Rejection
Quiescent Circuit
Current
Overcurrent Protection
Starting Current*4,5
Symbol
VIN
VO
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
Iq
Conditions
IS1
Conditions
sElectrical Characteristics
Unit
V
V
V
mV
mV
mV/
°C
dB
mA
A
SI-3000N *1
SI-3000NA
*1: "A" may be indicated to the right of the Sanken logo.
*2: VIN(max) and IO(max) are restricted by the relation PD(max)=(VIN-VO)•IO=14(W).
*3: Refer to the dropout voltage.(Refer to Setting DC Input Voltage on page 7.)
*4: IS1 is specified at –5(%) drop point of output voltage VO on the condition that VIN=VO+3V, IO=0.5A.
*5: A foldback type overcurrent protection circuit is built into the IC regulator. Therefore, avoid using it for the following applications as it may cause
starting errors:
(1) Constant current load (2) Plus/minus power (3) Series power (4) VO adjustment by raising ground voltage
sOutline Drawing
a. Part Number
b. Lot Number
q GND
w VO
e VIN
0.95
±0.15
0.85
+0.2
10
±0.2
4.2
±0.2
2.8
±0.2
2.6
±0.15
qwe
3.2
±0.2
0.45
+0.2
–0.1
P3.4±0.1
×2=6.8
–0.1
φ
a
b
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 2.3g
qSI-3000N Series
(unit: mm)
(Ta=25
°C unless otherwise specified)
Ratings
SI-3050N
SI-3090N
SI-3120N
SI-3150N
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
6*3
15*2
10*3
20*2
13*3
25*2
16*3
27*2
4.80
5.00
5.20
8.64
9.00
9.36
11.52
12.00
12.48
14.40
15.00
15.60
4.90
5.00
5.10
8.82
9.00
9.18
11.76
12.00
12.24
14.70
15.00
15.30
VIN=8V, IO=0.5A
VIN=12V, IO=0.5A
VIN=15V, IO=0.5A
VIN=18V, IO=0.5A
0.5
0.5
0.5
0.5
IO
≤0.5A
1.0
1.0
1.0
1.0
IO
≤1.0A
10
30
18
48
24
64
30
90
VIN=6 to 15V, IO=0.5A
VIN=10 to 20V, IO=0.5A
VIN=13 to 25V, IO=0.5A
VIN=16 to 27V, IO=0.5A
40
100
70
180
93
240
120
300
VIN=8V, IO=0 to 1.0A
VIN=12V, IO=0 to 1.0A
VIN=15V, IO=0 to 1.0A
VIN=18V, IO=0 to 1.0A
±0.5
±1.0
±1.5
±1.5
VIN=8V, IO=5mA, Tj=0 to 100
°CVIN=12V, IO=5mA, Tj=0 to 100°CVIN=15V, IO=5mA, Tj=0 to 100°CVIN=18V, IO=5mA, Tj=0 to 100°C
54
54
54
54
VIN=8V, f=100 to 120HZ
VIN=12V, f=100 to 120HZ
VIN=15V, f=100 to 120HZ
VIN=18V, f=100 to 120HZ
3
103
10
3
103
10
VIN=8V, IO=0A
VIN=12V, IO=0A
VIN=15V, IO=0A
VIN=18V, IO=0A
1.2
1.2
1.2
1.2
VIN=8V
VIN=12V
VIN=15V
VIN=18V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com