Electronic Components Datasheet Search
  English  ▼

X  

SI-3000P Datasheet(PDF) 1 Page - Sanken electric

Part # SI-3000P
Description  3-Terminal, Dropper Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000P Datasheet(HTML) 1 Page - Sanken electric

  SI-3000P Datasheet HTML 1Page - Sanken electric SI-3000P Datasheet HTML 2Page - Sanken electric SI-3000P Datasheet HTML 3Page - Sanken electric SI-3000P Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
58
Parameter
Input Voltage
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Ripple Rejection
Overcurrent Protection
Starting Current
Limited Current at Overcurrent
Protection Operation
Unit
V
A
W
W
°C
°C
°C
°C/W
Symbol
VIN
IO
PD1
PD2
Tj
Top
Tstg
Rth(j-c)
Ratings
45
2.0
50(TC=25
°C)
2.0(Without heatsink, stand-alone operation)
–30 to +125
–20 to +80
–30 to +125
2.0
SI-3000P Series
3-Terminal, Dropper Type
qSI-3000P Series
sFeatures
• TO-3P package 3-terminal regulator
• Output current: 2.0A
• Wide range of DC input voltage
• Built-in foldback overcurrent protection circuit
sApplications
• For stabilization of the secondary stage of switching power supplies
• Electronic equipment
sAbsolute Maximum Ratings
(Ta=25
°C)
sElectrical Characteristics
Symbol
VIN
VO
Conditions
VDIF
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
RREJ
Conditions
IS1
Conditions
IS2
Conditions
(Ta=25
°C)
unit
V
V
V
mV
mV
mV/
°C
dB
A
A
Ratings
SI-3052P
SI-3122P
SI-3152P
SI-3242P
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
8
30
15
3518
4027
40
4.9
5.0
5.1
11.8
12.0
12.2
14.8
15.0
15.2
23.8
24.0
24.2
VIN=10V, IO=0.5A
VIN=19V, IO=0.5A
VIN=23V, IO=0.5A
VIN=33V, IO=0.5A
333
3
IO=2.0A
2
1010
3010
30
25
50
VIN=8.5 to 11.5V, IO=0.5A
VIN=16 to 22V, IO=0.5A
VIN=19.5 to 26.5V, IO=0.5A
VIN=28 to 38V, IO=0.5A
40
100
80
200
80
200
120
300
VIN=10V, IO=0 to 2.0A
VIN=19V, IO=0 to 2.0A
VIN=23V, IO=0 to 2.0A
VIN=33V, IO=0 to 2.0A
±0.5
±1.5
±1.5
±2.5
60
60
60
60
f=100 to 120HZ
2.4
2.4
2.4
2.4
VIN=10V
VIN=19V
VIN=23V
VIN=33V
0.6
0.6
0.6
0.6
VIN=10V
VIN=19V
VIN=23V
VIN==33V
Parameter
DC Input Voltage
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Thermal Resistance (junction to case)


Similar Part No. - SI-3000P

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3000C ETC-SI-3000C Datasheet
94Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Similar Description - SI-3000P

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
3-Terminal, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3003S SANKEN-SI-3003S Datasheet
27Kb / 2P
3-terminal Dropper Type Regulator
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
3-Output Dropper/Switching Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
5-Terminal, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com