Electronic Components Datasheet Search
  English  ▼

X  

SI-3000R Datasheet(PDF) 3 Page - Sanken electric

Part # SI-3000R
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000R Datasheet(HTML) 3 Page - Sanken electric

  SI-3000R Datasheet HTML 1Page - Sanken electric SI-3000R Datasheet HTML 2Page - Sanken electric SI-3000R Datasheet HTML 3Page - Sanken electric SI-3000R Datasheet HTML 4Page - Sanken electric SI-3000R Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
54
sReset Signal Output Timing Chart
Terminal Connections
q GND
w DELAY
e VO
r Rest Signal output
t VIN
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 2.3g
sOutline Drawing
GND
GND
O(V)
O(V)
VO+VDIF
Voth
VDLYth
Voth
VDLY
VRSTH
tDLY
tDLY
tRESET (mim.)
VRSTL
VO
VIN
Input Voltage
Output Voltage
Voltage Across
Delay Capacitor
Reset Signal Output
Vo drops for a period
less than tRESET (min)
The delay time tDLY of the reset signal can
be calculated from the following formula:
tDLY=
VDLYth × C
DLY
IDLY
*IDLY is the current flowing from the DLY
terminal shown in the standard connec-
tion circuit diagram.
(unit:mm)
qSI-3000R Series
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
3.2±0.2
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2
φ
Forming No. 1101
Part Number
Lot Number



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com