Electronic Components Datasheet Search
  English  ▼

X  

SI-3240F Datasheet(PDF) 5 Page - Sanken electric

Part # SI-3240F
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3240F Datasheet(HTML) 5 Page - Sanken electric

  SI-3240F Datasheet HTML 1Page - Sanken electric SI-3240F Datasheet HTML 2Page - Sanken electric SI-3240F Datasheet HTML 3Page - Sanken electric SI-3240F Datasheet HTML 4Page - Sanken electric SI-3240F Datasheet HTML 5Page - Sanken electric SI-3240F Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
37
1. Variable output voltage with a single external resistor
The output voltage may be increased by inserting resistor REX between
terminals No.4 (sensing terminal) and No.3 (output terminal). The cur-
rent IREX flowing into terminal No.4 is 1mA (typ.), therefore the adjusted
output voltage VOUT is:
VO=V04+IREX•REX
*V04: output voltage of SI-3000F series
However, the built-in resistor (between terminals No. 4 and No.1) is a
semiconductor resistor, which has approximately thermal characteris-
tics of +0.2%/
°C.
It is important to keep the thermal characteristics in mind when adjust-
ing the output voltage.
2. Variable output voltage with two external resistors
The output voltage may be increased by inserting resistors REX1 be-
tween terminals No.4 (sensing terminal) and No.3 (output terminal) and
REX2 between terminals No.4 and No.1 (ground terminal).
The current I4IN flowing into terminal No.4 is 1mA (typ.) so the thermal
characteristics may be improved compared to the method shown in 1
by setting the external current IREX1 at approximately 5 times the value
of I4IN (stability coefficient S=5).
The adjusted output voltage VOUT in this case is:
VO=V04+REX1•IREX1
IREX1=S•I4IN
The value of the external resistors may be obtained as follows:
REX1=
VO-V04
REX2=
V04
S•I4IN
,
(S-1)•I4IN
*V04: Output voltage of SI-3000F series
S: Stability coefficient of I4IN (may be set to any value)
Note: In the SI-3000F series, the output voltage increase can be ad-
justed as mentioned above. However, when the rise is set to ap-
proximately 10V compared to output voltage V04, the necessary
output current may not be obtained due to the S.O.A. protection
circuit in the SI-3000F series.
GND
GND
OPEN
5
2
3
4
1
SI-3000F
IREX
REX
47
µF47µF
VO
V04
VIN
++
GND
GND
OPEN
5
2
3
4
1
SI-3000F
IREX1
REX1
REX2
47
µF47µF
VO
I4IN
V04
VIN
++
qSI-3000F Series
External Variable Output Voltage Circuit (Excluding SI-3025F)
35
20
25
30
15
10
5
0
2468
10
External Resistor REX (k
Ω)
SI-3240F
SI-3150F
SI-3120F
SI-3090F
SI-3050F
VIN=VO+1V
External Resistor REX1 (k
Ω)
35
20
25
30
15
10
5
0
1.0
2.0
VIN=VO+1V
SI-3150F
REX2
=3.75k
Ω
SI-3050F
REX2
=1.25k
Ω
SI-3120F
REX2
=3k
Ω
SI-3090F
REX2
=2.25k
Ω
SI-3240F
REX2
=6k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com