Electronic Components Datasheet Search
  English  ▼

X  

3052P Datasheet(PDF) 2 Page - Sanken electric

Part # 3052P
Description  3-Terminal, Dropper Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

3052P Datasheet(HTML) 2 Page - Sanken electric

  3052P Datasheet HTML 1Page - Sanken electric 3052P Datasheet HTML 2Page - Sanken electric 3052P Datasheet HTML 3Page - Sanken electric 3052P Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
59
qSI-3000P Series
sOutline Drawing
sBlock Diagram
(unit:mm)
Plastic Mold Package Type (TO-3P)
Flammability: UL94V-0
Weight: Approx. 6g
Terminal Connections
q
Output
w
Input (backside of case)
e
Ground
R3
R4
3
1
M1
2
C1
r9
Tr9
r7
r6
r8
R2
Tr1
r10
R1
Tr12
Tr6
Tr8
Tr4
Tr3
r2
Tr5
r1
r4
r5
d5
d6
d7
r3
Tr7
Tr2
Tr1
Tr11
d1
d3
d2
15.6±0.3
4.8max.
15.8±0.2
5.45±0.1
5.45±0.1
13.6±0.2
9.6±0.2
1.05
3.0
0.65
1.7
2.0
2.0max.
+0.2
–0.1
+0.2
–0.1
+0.2
–0.3
+0.2
–0.1
+0.2
–0.1
qw
e
Part Number
Lot Number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com