Electronic Components Datasheet Search
  English  ▼

X  

SI-3152N Datasheet(PDF) 3 Page - Sanken electric

Part # SI-3152N
Description  3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3152N Datasheet(HTML) 3 Page - Sanken electric

  SI-3152N Datasheet HTML 1Page - Sanken electric SI-3152N Datasheet HTML 2Page - Sanken electric SI-3152N Datasheet HTML 3Page - Sanken electric SI-3152N Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
26
sBlock Diagram
sStandard External Circuit
3
MIC
1
2
Tr1
D1
C0
C2
C1
DC Input
VIN
DC Output
VO
32
1
SI-3002N
*1
*2
++
sTa-PD Characteristics
PD=IO•[VIN(mean)–VO]
C0
:Output capacitor (47 to 100
µF)
*1 C1
:Oscillation prevention capacitor (C1: Approx. 47
µF,
C2
C2: 0.33
µF)
These capacitors are required if the input line is inductive
and in the case of long wiring. Tantalum capacitors are rec-
ommended for C1 and C0, particularly at low temperatures.
*2 D1
:Protection diode
This diode is required for protection against reverse biasing
of the input and output. Sanken EU2Z is recommended.
qSI-3002N Series
25
20
15
10
5
0
75
×75×2mm (7.6°C/W)
100
×100×2mm (5.2°C/W)
200
×200×2mm (2.3°C/W)
–30
0
25
50
Ambient Temperature Ta (
°C)
75
100
Infinite heatsink
Without heatsink
With Silicon Grease: G746
(SHINETSU CHEMICAL
INDUSTRIES)
Heatsink: Aluminum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com