Electronic Components Datasheet Search
  English  ▼

X  

SI-5155S Datasheet(PDF) 2 Page - Sanken electric

Part # SI-5155S
Description  High-side Power Switch with Diagnostic Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-5155S Datasheet(HTML) 2 Page - Sanken electric

  SI-5155S Datasheet HTML 1Page - Sanken electric SI-5155S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
010
20
30
0
VB (V)
5
10
40
25ºC
150ºC
Ta= –40ºC
010
20
30
0
20
50
40
VB (V)
30
10
40
–40ºC
25ºC
150ºC
Ta =
01
2
0
2
IO (A)
1
3
25ºC
VB =6 to 16V
Ta =
125ºC
01
2
0
16
IO (A)
12
8
4
20
0
16
12
8
4
20
0
16
12
8
4
20
5
4
3
01
2
IO (A)
5
4
3
01
2
IO (A)
5
4
3
14V
8V
14V
8V
14V
8V
6V
01
2
0
20
VIN (th) (V)
15
10
5
Ta =125ºC
–40ºC
25ºC
–50
0
50
100
0
0.8
0.6
1.0
0.4
0.2
Ta (ºC)
150
–50
0
50
100
0
5
4
3
2
1
Ta (ºC)
150
–50
0
50
100
0
2
1
Ta (ºC)
150
–50
0
50
100
0
0.5
0.4
0.3
0.2
0.1
Ta (ºC)
150
–40ºC
VB =
18V
VB =
18V
6V
6V
VB =
18V
VB =14V
VIN =0V
VB =14V
VIN =5V
VB =16V
IO =1A
VB =14V
VB =14V
IDIAG =2mA
29
0
50
100
0
20
15
10
5
Ta (ºC)
200
150
VO
VDIAG
VB =14V
VDIAG =5V
IO =10mA
s Quiescent Circuit Current
s Circuit Current
s Saturation Voltage of Output Transistor
s Overcurrent Protection Characteristics (Ta=25ºC)
s Overcurrent Protection Characteristics (Ta=125ºC)
s Input Current (Output OFF)
s Input Current (Output ON)
s Threshold input voltage
s Overcurrent Protection Characteristics (Ta= –40ºC)
s Saturation Voltage of DIAG Output
s Thermal Protection Characteristics
s Output Terminal Leak Current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com