Electronic Components Datasheet Search
  English  ▼

X  

SI-7230M Datasheet(PDF) 2 Page - Sanken electric

Part # SI-7230M
Description  Bipolar Driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7230M Datasheet(HTML) 2 Page - Sanken electric

  SI-7230M Datasheet HTML 1Page - Sanken electric SI-7230M Datasheet HTML 2Page - Sanken electric SI-7230M Datasheet HTML 3Page - Sanken electric SI-7230M Datasheet HTML 4Page - Sanken electric SI-7230M Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
51
SI-7230M
s External dimensions
(Unit: mm)
s Standard external connection diagram
* For details on the characteristics and thermal design, refer to the
technical manual.
69.0±0.5
63.0±0.4
7.0±0.5
3.5
Type No.
Lot No.
8.0
φ
3.4
3
P = 2.54
12....................................20
Pin No.
0.5
1.4
SI-7230M
Plastic package
A
A
B
B
Excitation
signal input
Active Low
VCC2
PD
(Power down)
+
22 F
µ
10V
AIN
AIN
BIN
BIN
7
8
15
14
11
9
13
VREF
VrefA
VrefB
RX
10K
2SC2002
6
1612319
RSA RSB
G
4
5
18
17
2
20
+
100 F
µ
100V
VCC2
VCC1
10
1
SI-7230M
AO
AO
BO
BO
CA
CB
VCC1
+
10 F
µ
100V
+
10 F
µ
100V
IO
IO



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com