Electronic Components Datasheet Search
  English  ▼

X  

SI-7330 Datasheet(PDF) 2 Page - Sanken electric

Part # SI-7330
Description  Unipolar Driver ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7330 Datasheet(HTML) 2 Page - Sanken electric

  SI-7330 Datasheet HTML 1Page - Sanken electric SI-7330 Datasheet HTML 2Page - Sanken electric SI-7330 Datasheet HTML 3Page - Sanken electric SI-7330 Datasheet HTML 4Page - Sanken electric SI-7330 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
30
SI-7300 and SI-7330A
s Equivalent circuit diagram
s External dimensions
(Unit: mm)
s Supply voltage vs. Output current
s Case temperature vs. Chopping
frequency
s Case temperature vs. Output
current
R1
Q1
17
16
11
9
10
12
13
D3
D4
D1
Q3
Q4
R9
R11
R13
2
R16
Q7
R3
R7
R5
R12
18
R10
Q8
R15
R8
R4
R14
+
–
Q5
Q6
D5
D6
D7 D8
D9 D10
D2
Q2
R2
14
15
8
5
7
6
4
3
1
SI-7300A
R6
+
–
SI-7330A
Q1
18
19
11
10
12
9
13
14
2
D1
R26
Q10
R1
R2
Q11
R27
Q2
D2
D10
D7
16
15
17
6
7
5
8
4
3
1
D8
D9
D6
D5
D4
D3
Q3
Q4
R3
R7
R5
Q7
R9
R11 R13
+
–
R16
+
–
R6
R8
R4
R10
Q8
R12
R14
R15
Q5
Q6
20
•
••••
••••
65.0±0.5
59.0±0.4
2 – 4.5
φ
Type No.
Lot No.
21.6±0.5
21.6±0.5
P=2.54
Pin No.
1
18
2.5
0.5
3.8
7.8±0.3
SI-7300A
SI-7330A
Plastic package
Plastic package
69.0±0.5
63.0±0.4
Type No.
Lot No.
8.0
φ
7.0±0.5
3.5
0.5
1.4
20
P=2.54
3
3.4
12
Pin No.
0
2024
2832
3640
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Supply voltage VCC (V)
SI-7300A
VCC2=5V
Motor 23PM-C108
Rm=3.6
Ω/
Lm=9.0mH/
φ
φ
100
80
60
40
20
0
24
23
22
21
0
Case temperature Tc (°C)
SI-7300A
VCC1 = 30V VCC2 = 5V Motor Rm = 3.6
Ω/ Lm = 9.0mH/
φ
φ
100
80
60
40
20
0
1.2
1.1
1.0
0.9
0
Case temperature TC (°C)
SI-7300A
VCC1 = 30V VCC2 = 5V Motor Rm = 3.6
Ω/
Lm = 9.0mH/
φ
φ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com