Electronic Components Datasheet Search
  English  ▼

X  

SI-7600D Datasheet(PDF) 2 Page - Sanken electric

Part # SI-7600D
Description  3-Phase Stepper Motor Driver ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7600D Datasheet(HTML) 2 Page - Sanken electric

  SI-7600D Datasheet HTML 1Page - Sanken electric SI-7600D Datasheet HTML 2Page - Sanken electric SI-7600D Datasheet HTML 3Page - Sanken electric SI-7600D Datasheet HTML 4Page - Sanken electric SI-7600D Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
99
SI-7600/SI-7600D
3-Phase Stepper Motor Driver ICs (Star Connection/Delta Connection)
SI-7600/SI-7600D
sInternal Block Diagram/Diagram of Standard External Circuit
sTerminal Connection
The package shapes of SI-7600 and SI-7600D are different, however the terminal connection is the same.
sExternal Dimensions (Unless specified otherwise, all values are typical)
(Units: mm)
Pin No.
Name
Pin No.
Name
Pin No.
Name
Pin1
PFD
Pin8
Full/Half
Pin15
OLA
Pin2
Sense
Pin9
Enable
Pin16
OHC
Pin3
Vcc
Pin10
Mode
Pin17
OHB
Pin4
Reset
Pin11
REF
Pin18
OHA
Pin5
CW/CCW
Pin12
GND
Pin19
VBB
Pin6
Edge
Pin13
OLC
Pin20
RC
Pin7
Clock
Pin14
OLB
+
+
C7
C1
R5
R1
REF
PFD
RC
GND
R2
Rs
MOS Array
ex. SLA5017 at 4A max
SLA5059 at 4A max
SLA5060 at 6A max
SLA5061 at 10A max
(Sanken)
Rt
R4
R3
Ct
C6
Io
C5
C3
C4
OHA
OHB
OHC
OLA
U
V
W
OLB
OLC
Sense
Clock
CW/CCW
Reset
F/H
Ena
Edge
Mode
C2
Vcc
Vcc
Vcc
Reference constants
Rs:0.1 to 1
Ω
(1 to 5W)
Rt:15k to 75k
Ω
Ct:420p to 1100pF
C1:10 F/10V
C2:100 F/63V
C3 to C6:0.01 to 1 F
C7:1000pF
R1+R2
≤10kΩ
(VREF:0.2 to VCC2-2V)
R3+R4
≤10kΩ
(VPFD:0 to VCC2)
R5:10k
Ω
VBB
Current
Control
Pri-
Buffer
Control
Logic
1/5
Buffer
µ
µ
µ
PFD
RC
S
VBB
Vcc
OHA
Reset
OHB
CW/CCW
OHA
EDGE
OLA
CK
OLB
F/H
OLC
Ena
GND
Mode
REF
12.6
7.8
11
20
10
1
0
° to 15°
0.48
2.54
1.27 max
0.8 max
0.7
0.4
1.27
0.25
7.62
20
1
11
10
24.50
0.89
SI-7600D
SI-7600
1.30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com