Electronic Components Datasheet Search
  English  ▼

X  

SI-8050S Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8050S
Description  Full-Mold, Separate Excitation Switching Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8050S Datasheet(HTML) 2 Page - Sanken electric

  SI-8050S Datasheet HTML 1Page - Sanken electric SI-8050S Datasheet HTML 2Page - Sanken electric SI-8050S Datasheet HTML 3Page - Sanken electric SI-8050S Datasheet HTML 4Page - Sanken electric SI-8050S Datasheet HTML 5Page - Sanken electric SI-8050S Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
81
Unit
V
%
kHZ
mV
mV
mV/
°C
dB
A
qSI-8000S Series
q VIN
w SWOUT
e GND
r VOS
t S.S
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 2.3g
Forming No. 1101
sOutline Drawing
sElectrical Characteristics
(Ta=25
°C)
(unit: mm)
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
3.2±0.2
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2
φ
Part Number
Lot Number
Parameter
Output Voltage
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Ripple Rejection
Overcurrent Protection
Starting Current
Ratings
SI-8033S
SI-8050S
SI-8090S
SI-8120S
SI-8150S
min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max.
3.17
3.30
3.43
4.80
5.00
5.20
8.55
9.00
9.45
11.50 12.00 12.50 14.25 15.00 15.75
3.234
3.30
3.366
4.90
5.00
5.10
8.73
9.00
9.27
VIN=15V, IO=1.0A
VIN=20V, IO=1.0A
VIN=21V, IO=1.0A
VIN=24V, IO=1.0A
VIN=25V, IO=1.0A
79
84
88
90
91
VIN=15V, IO=1.0A
VIN=20V, IO=1.0A
VIN=21V, IO=1.0A
VIN=24V, IO=1.0A
VIN=25V, IO=1.0A
60
60
60
60
60
VIN=15V, IO=1.0A
VIN=20V, IO=1.0A
VIN=21V, IO=1.0A
VIN=24V, IO=1.0A
VIN=25V, IO=1.0A
25
80
40
100
50
120
60
130
60
130
VIN=8 to 28V, IO=1.0A
VIN=10 to 30V, IO=1.0A VIN=15 to 30V, IO=1.0A VIN=18 to 30V, IO=1.0A VIN=21 to 30V, IO=1.0A
10
30
10
40
10
40
10
40
10
40
VIN=15V, IO=0.5 to 1.5A
VIN=20V, IO=0.5 to 1.5A
VIN=21V, IO=0.5 to 1.5A
VIN=24V, IO=0.5 to 1.5A
VIN=25V, IO=0.5 to 1.5A
±0.5
±0.5
±1.0
±1.0
±1.0
45
45
–45
45
45
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
3.1
3.1
3.1
3.1
3.1
VIN=15V
VIN=20V
VIN=21V
VIN=24V
VIN=25V
Symbol
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
RREJ
Conditions
IS1
Conditions
SI-8000S *1
SI-8000SS
*1: "S" may be indicated to the right of the Sanken logo.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com