Electronic Components Datasheet Search
  English  ▼

X  

SI-8401L Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8401L
Description  Separate Excitation Switching Type with Coil
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8401L Datasheet(HTML) 2 Page - Sanken electric

  SI-8401L Datasheet HTML 1Page - Sanken electric SI-8401L Datasheet HTML 2Page - Sanken electric SI-8401L Datasheet HTML 3Page - Sanken electric SI-8401L Datasheet HTML 4Page - Sanken electric SI-8401L Datasheet HTML 5Page - Sanken electric SI-8401L Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
97
(Ta=25
°C)
Unit
V
%
kHZ
mV
mV
mV/
°C
mVp-p
A
sElectrical Characteristics
(Ta=25
°C)
Unit
V
%
kHZ
mV
mV
mV/
°C
mVp-p
A
Symbol
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
∆Vr
Conditions
IS1
Conditions
Parameter
Output Voltage
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Switching Ripple
Voltage (C2=470
µF)
Overcurrent Protection
Starting Current
Parameter
Output Voltage
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Switching Ripple
Voltage (C2=470
µF)
Overcurrent Protection
Starting Current
Symbol
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
∆Vr
Conditions
IS1
Conditions
Ratings
SI-8401L
SI-8402L
SI-8403L
SI-8405L
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
4.80
5.00
5.20
11.40
12.00
12.60
3.17
3.30
3.43
14.25
15.00
15.75
VIN=20V, IO=0.3A
VIN=24V, IO=0.3A
VIN=15V, IO=0.3A
VIN=27V, IO=0.3A
80
88
75
89
VIN=20V, IO=0.3A
VIN=24V, IO=0.3A
VIN=15V, IO=0.3A
VIN=27V, IO=0.3A
60
60
60
60
VIN=20V, IO=0.3A
VIN=24V, IO=0.3A
VIN=15V, IO=0.3A
VIN=27V, IO=0.3A
80
100
100
130
60
80
100
130
VIN=10 to 30V, IO=0.3A
VIN=18 to 30V, IO=0.3A
VIN=8 to 30V, IO=0.3A
VIN=21 to 30V, IO=0.3A
30
40
70
95
20
30
90
120
VIN=20V, IO=0.1 to 0.4A
VIN=24V, IO=0.1 to 0.4A
VIN=15V, IO=0.1 to 0.4A
VIN=27V, IO=0.1 to 0.4A
±0.5
±1.5
±0.5
±1.5
20
40
35
70
15
30
40
80
VIN=20V, IO=0.3A
VIN=24V, IO=0.3A
VIN=15V, IO=0.3A
VIN=27V, IO=0.3A
0.55
0.45
0.55
0.45
VIN=10V
VIN=18V
VIN=8V
VIN=21V
Ratings
SI-8501L
SI-8502L
SI-8503L
SI-8504L
SI-8505L
min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max.
4.80
5.00
5.20
11.40 12.00 12.60
3.17
3.30
3.43
8.55
9.00
9.45
14.25 15.00 15.75
VIN=20V, IO=0.5A
VIN=24V, IO=0.5A
VIN=15V, IO=0.5A
VIN=21V, IO=0.5A
VIN=25V, IO=0.5A
83
89
79
87
90
VIN=20V, IO=0.5A
VIN=24V, IO=0.5A
VIN=15V, IO=0.5A
VIN=21V, IO=0.5A
VIN=25V, IO=0.5A
60
60
60
60
60
VIN=20V, IO=0.5A
VIN=24V, IO=0.5A
VIN=15V, IO=0.5A
VIN=21V, IO=0.5A
VIN=25V, IO=0.5A
70
130
70
130
50
80
70
130
70
130
VIN=10 to 30V, IO=0.5A
VIN=18 to 30V, IO=0.5A
VIN=8 to 30V, IO=0.5A
VIN=15 to 30V, IO=0.5A
VIN=21 to 30V, IO=0.5A
30
55
30
55
20
45
30
55
30
55
VIN=20V, IO=0.2 to 0.8A
VIN=24V, IO=0.2 to 0.8A
VIN=15V, IO=0.2 to 0.8A
VIN=21V, IO=0.2 to 0.8A
VIN=25V, IO=0.2 to 0.8A
±0.5
±1.5
±0.5
±1.0
±1.5
45
30
15
25
30
VIN=20V, IO=0.5A
VIN=24V, IO=0.5A
VIN=15V, IO=0.5A
VIN=21V, IO=0.5A
VIN=25V, IO=0.5A
1.1
1.1
1.1
1.1
1.1
VIN=18V
VIN=24V
VIN=12V
VIN=21V
VIN=25V
qSI-8400L/8500L Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com