Electronic Components Datasheet Search
  English  ▼

X  

SI-8301L Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8301L
Description  Self Oscillating Switching Type with Coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8301L Datasheet(HTML) 2 Page - Sanken electric

  SI-8301L Datasheet HTML 1Page - Sanken electric SI-8301L Datasheet HTML 2Page - Sanken electric SI-8301L Datasheet HTML 3Page - Sanken electric SI-8301L Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
93
sElectrical Characteristics
(Ta=25
°C)
a. Part Number
b. Lot Number
Open Air Type
Weight: Approx. 5.1g
Unit
V
%
kHZ
mV
mV
mV/
°C
mVp-p
SI-8201L•8203L
SI-8211L•8213L
a. Part Number
b. Lot Number
Open Air Type
Weight: Approx. 5.9g
a. Part Number
b. Lot Number
Open Air Type
Weight: Approx. 14.5g
SI-8301L
q
y
t
!0
VIN
VO
0.8max.
LIN
GND
(10.16)
(7.62)
(2.19)
(2.17)
14.5
±0.5
φ
a
b
Terminal 1 marking
y
qwe
r
SK
VIN
VO
NC GND
LIN
26
±0.1
0.6
418
2
φ
a
b
Terminal 1 marking
Parameter
Output Voltage
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Switching Ripple
Voltage (C2=470
µF)
Symbol
VO
Conditions
η
Conditions
f
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
∆Vr
Conditions
Ratings
SI-8201L
SI-8203L
SI-8211L
SI-8213L
SI-8301L
min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max.
4.9
5.0
5.1
11.8
12.0
12.2
4.9
5.0
5.1
11.8
12.0
12.2
5.0
5.1
5.2
VIN=15V, IO=0.2A
VIN=25V, IO=0.2A
VIN=35V, IO=0.2A
VIN=38V, IO=0.2A
VIN=15V, IO=0.5A
73
79
63
78
73
VIN=15V, IO=0.2A
VIN=25V, IO=0.2A
VIN=35V, IO=0.2A
VIN=38V, IO=0.2A
VIN=15V, IO=0.5A
25
25
25
25
25
15
60
15
60
60
60
50
VIN=10 to 20V, IO=0.2A VIN=16 to 34V, IO=0.2A VIN=20 to 50V, IO=0.2A VIN=22 to 50V, IO=0.2A VIN=10 to 20V, IO=0.5A
15
60
60
100
60
60
80
VIN=15V, IO=0.02 to 0.25A
VIN=25V, IO=0.02 to 0.3A
VIN=35V, IO=0.02 to 0.3A
VIN=38V, IO=0.02 to 0.28A
VIN=15V, IO=0.3 to 0.7A
±1.5
±1.5
±1.5
±1.5
±1.5
30
60
60
100
30
60
50
100
45
VIN=25V, IO=0.3A
VIN=40V, IO=0.35A
VIN=48V, IO=0.3A
VIN=48V, IO=0.28A
VIN=15V, IO=0.5A
qSI-8200L/8300L Series
sOutline Drawing
(unit: mm)
q
y
t
!0
VIN
VO
LIN
GND
20.5max.
15
10.1
6
6
7.6
55
2
2
0.8
φ
a
b
Terminal 1 marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com