Electronic Components Datasheet Search
  English  ▼

X  

SI-8213 Datasheet(PDF) 4 Page - Sanken electric

Part # SI-8213
Description  Self Oscillating Switching Type with Coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8213 Datasheet(HTML) 4 Page - Sanken electric

  SI-8213 Datasheet HTML 1Page - Sanken electric SI-8213 Datasheet HTML 2Page - Sanken electric SI-8213 Datasheet HTML 3Page - Sanken electric SI-8213 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
95
sTypical Characteristics
SI-8213L
SI-8301L
Rise Characteristics
Rise Characteristics
Efficiency Characteristics
Efficiency Characteristics
0
5
10
15
20
Input Voltage VIN (V)
14
12
10
8
6
4
2
0
lO=0A RL=43
Ω
0
0.1
0.2
0.3
0.4
Output Current lO (A)
90
80
70
60
50
40
30
20
0
V
IN
=22V
48V
55V
30V
38V
0
5
10
15
20
Input Voltage VIN (V)
7
6
5
4
3
2
1
0
RL=5.1
Ω
0
0.3 0.4 0.5
0.1 0.2
0.7
0.6
0.9 1.0
0.8
1.1
Output Current lO (A)
90
80
70
60
50
40
30
20
0
VIN
=8V
20V
30V
40V
SI-8201L
SI-8203L
SI-8211L
Rise Characteristics
Rise Characteristics
Rise Characteristics
Efficiency Characteristics
Efficiency Characteristics
Efficiency Characteristics
0
5
10
15
20
Input Voltage VIN (V)
6
5
4
3
2
1
0
0
0
0.10
0.05
0.20 0.25
0.30
0.15
0.35 0.40 0.45
Output Current lO (A)
80
70
60
50
40
30
20
10
VIN=
10V
15V
20V
25V
30V
35V
40V
0
5
10
15
20
Input Voltage VIN (V)
14
12
10
8
6
4
2
0
0
0.1
0.2
0.3
0.4
Output Current lO (A)
90
80
70
60
50
40
30
20
0
VIN
=16V
40V
20V
35V
30V
25V
6
5
4
3
2
1
0
0
5
10
15
20
Input Voltage VIN (V)
0
0.1
0.2
0.3
0.4
80
70
60
50
40
30
20
10
0
Output Current lO (A)
VIN=15V
25V
35V
45V
55V
(Ta=25
°C)
qSI-8200L/8300L Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com