Electronic Components Datasheet Search
  English  ▼

X  

SLA3002M Datasheet(PDF) 2 Page - Sanken electric

Part # SLA3002M
Description  3-Output Dropper/Switching Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA3002M Datasheet(HTML) 2 Page - Sanken electric

  SLA3002M Datasheet HTML 1Page - Sanken electric SLA3002M Datasheet HTML 2Page - Sanken electric SLA3002M Datasheet HTML 3Page - Sanken electric SLA3002M Datasheet HTML 4Page - Sanken electric SLA3002M Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
115
qSLA3001M/3002M/3004M
sElectrical Characteristics
Unit
V
V
V
%
mV
mV
kHZ
A
V
V
V
V
V
%
mV
mV
kHZ
A
V
V
V
V
V
%
mV
mV
kHZ
A
V
V
*1: IS1 of Dropper Type is specified at –5(%) drop point of output voltage VO. IS1 of Switching Type is specified at –10(%) drop point of output voltage VO.
*2: Output is ON when VC terminal is open.
Symbol
VIN1
VO1
Conditions
VDIF1
Conditions
η1
Conditions
∆VOLINE1
Conditions
∆VOLOAD1
Conditions
f1
Conditions
IS1, 1
Conditions
VCIH, 1
VCIL, 1
VIN2
VO2
Conditions
VDIF2
Conditions
η2
Conditions
∆VOLINE2
Conditions
∆VOLOAD2
Conditions
f2
Conditions
IS1, 2
Conditions
VCIH, 2
VCIL, 2
VIN3
VO3
Conditions
VDIF3
Conditions
η3
Conditions
∆VOLINE3
Conditions
∆VOLOAD3
Conditions
f3
Conditions
IS1, 3
Conditions
VCIH, 3
VCIL, 3
(Ta=25
°C unless otherwise specified)
Ratings
SLA3001M
SLA3002M
SLA3004M
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
13
25
7
33
7
33
11.52
12.00
12.48
4.75
5.00
5.25
4.75
5.00
5.25
VIN=15V, IO=1.0A
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
1.0
IO=1.5A
80
80
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
24
64
80
100
80
110
VIN=13 to 25V, IO=1.0A
VIN=10 to 30V, IO=0.3A
VIN=10 to 30V, IO=0.3A
93
240
3040
3040
VIN=15V, IO=0 to 1.5A
VIN=20V, IO=0.1 to 0.4A
VIN=20V, IO=0.1 to 0.4A
60
60
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
1.6
0.55
0.55
VIN=15V
VIN=10V
VIN=10V
2.0
0.8
6
15
1730
1233
4.85
5.00
5.15
14.92
15.70
16.48
8.55
9.00
9.45
VIN=8V, IO=1.0A
VIN=19V, IO=0.5A
VIN=21V, IO=0.3A
1.0
1.0
IO=1.5A
IO=1.0A
85
VIN=21V, IO=0.3A
10
30
30
90
90
110
VIN=6 to 15V, IO=1.0A
VIN=17 to 25V, IO=0.5A
VIN=14 to 30V, IO=0.3A
40
100
120
300
50
80
VIN=8V, IO=0 to 1.5A
VIN=19V, IO=0 to 0.1A
VIN=21V, IO=0.1 to 0.4A
60
VIN=21V, IO=0.3A
1.6
1.2
0.45
VIN=8V
VIN=19V
VIN=14V
2.0
2.0
0.8
0.8
10
20
12
33
12
33
8.64
9.00
9.36
8.55
9.00
9.45
8.64
9.00
9.36
VIN=12V, IO=1.0A
VIN=21V, IO=0.3A
VIN=21V, IO=0.3A
1.0
IO=1.5A
85
85
VIN=21V, IO=0.3A
VIN=21V, IO=0.3A
18
48
90
110
90
110
VIN=10 to 20V, IO=1.0A
VIN=14 to 30V, IO=0.3A
VIN=14 to 30V, IO=0.3A
70
180
5080
5080
VIN=15V, IO=0 to 1.5A
VIN=21V, IO=0.1 to 0.4A
VIN=21V, IO=0.1 to 0.4A
60
60
VIN=21V, IO=0.3A
VIN=21V, IO=0.3A
1.6
0.45
0.45
VIN=12V
VIN=14V
VIN=14V
2.0
0.8
Parameter
Recommended DC Input Voltage
Output Voltage
Dropout Voltage
Efficiency
Line Regulation
Load Regulation
Switching Frequency
Overcurrent Protection
Starting Current*1
VC
Control Voltage (Output ON)
Terminal*2 Control Voltage (Output OFF)
Recommended DC Input Voltage
Output Voltage
Dropout Voltage
Efficiency
Line Regulation
Load Regulation
Switching Frequency
Overcurrent Protection
Starting Current*1
VC
Control Voltage (Output ON)
Terminal*2 Control Voltage (Output OFF)
Recommended DC Input Voltage
Output Voltage
Dropout Voltage
Efficiency
Line Regulation
Load Regulation
Switching Frequency
Overcurrent Protection
Starting Current*1
VC
Control Voltage (Output ON)
Terminal*2 Control Voltage (Output OFF)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com