Electronic Components Datasheet Search
  English  ▼

X  

SID313BP Datasheet(PDF) 2 Page - Sanken electric

Part # SID313BP
Description  Infrared LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SID313BP Datasheet(HTML) 2 Page - Sanken electric

  SID313BP Datasheet HTML 1Page - Sanken electric SID313BP Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
39
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
Ratings
PD
mW
150
IF
mA
100
∆IF
mA/
°C
–1.33 (above 25
°C)
IFP
mA
1,000 (f = 1kHz,TW 10
µs)
VR
V5
Top
°C
–30 to +85
Tstg
°C
–30 to +100
Outline
drawing
Electro-optical characteristics (Ta=25
°C)
SID1010CXM
(Wide viewing angle)
SID1010CM
(Narrow viewing angle)
SID1K10CXM (High power output, wide viewing angle)
SID1K10CM (High power output, narrow viewing angle)
SID303C
(Wide viewing angle)
SID303BR
(Wide viewing angle)
SID303BS
(Wide viewing angle)
SID307BR
(Narrow viewing angle)
SID313BP
(Narrow viewing angle)
SID1003BQ
(High power output)
IR
(
µA)
max
VF
(V)
Condition
VR
(V)
Condition
IF
(mA)
max
typ
min
le
(mW/sr)
typ
typ
Condition
(Constant
voltage)
VCC=3V
Resistor
R=2.2
Ω
1.25
1.20
1.25
50
50
50
10
10
10
5
5
5
40
85
75
140
100
220
210
170
940
940
940
A
B
A
B
C
1.5
1.5
1.4
1.45
∆λ
(nm)
λp
(nm)
45
45
50
<
=
sFor data communication
Condition
IF
(mA)
typ
B
B
tON, OFF
(ns)
SID1G10CM
(Ultra-high power output)
SID1F10CM
(For high frequency)
50
50
Condition
IF
(mA)
IR
(
µA)
max
Condition
VR
(V)
Condition
IF
(mA)
max
typ
typ
le
(mW/sr)
VF
(V)
30
25
1.5
1.5
1.8
1.8
50
50
100
100
3
3
30
10
30
30
∆λ
(nm)
λp
(nm)
typ
typ
850
850
40
40
Outline
drawing
Electro-optical characteristics (Ta=25
°C)
Type No.
VCC=3V
Resistor
R=2.2
Ω
VCC=3V
Resistor
R=2.2
Ω
Type No.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com