Electronic Components Datasheet Search
  English  ▼

X  

87696-2002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87696-2002
Description  6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, with Beveled Metal Pins, Short Contacts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87696-2002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87696-2002 Datasheet HTML 1Page - Molex Electronics Ltd. 87696-2002 Datasheet HTML 2Page - Molex Electronics Ltd. 87696-2002 Datasheet HTML 3Page - Molex Electronics Ltd. 87696-2002 Datasheet HTML 4Page - Molex Electronics Ltd. 87696-2002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A, 30A
Voltage - Maximum
50V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-87631-018
Product Specification
PS-87631-006
Sales Drawing
SD-87696-014
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com