Electronic Components Datasheet Search
  English  ▼

X  

SLA5001 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA5001
Description  N-channel General purpose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5001 Datasheet(HTML) 1 Page - Sanken electric

  SLA5001 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
34
Characteristic curves
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
SLA5001
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
100
V
ID=250
µA, VGS=0V
IGSS
±500
nA
VGS=
±20V
IDSS
250
µAVDS=100V, VGS=0V
VTH
2.0
4.0
V
VDS=10V, ID=250
µA
Re(yfs)
2.4
3.7
S
VDS=10V, ID=5A
RDS(ON)
0.27
0.30
Ω
VGS=10V, ID=5A
Ciss
350
pF
VDS=25V, f=1.0MHz,
Coss
130
pF
VGS=0V
ton
60
ns
ID=5A, VDD 50V,VGS=10V,
toff
40
ns
see Fig. 3 on page 16.
VSD
1.1
1.8
V
ISD=5A, VGS=0V
trr
330
ns
ISD=
±100mA
Specification
min
typ
max
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
100
V
VGSS
±20
V
ID
±5A
ID(pulse)
±10(PW≤1ms)
A
EAS*30
mJ
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C,with all circuits operating, with infinite heatsink)W
θ j-a
25 (Junction-Air, Ta=25
°C, with all circuits operating) °C/W
θ j-c 3.57 (Junction-Case, Tc=25°C, with all circuits operating) °C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=20V, L=10mH, ID=2.5A, unclamped, see Fig. E on page 15.
PT
1
2
3
5
4
6
8
9
7
12
11
10
02
10
10
6
0
VGS=4V
6V
VDS (V)
46
8
4
2
8
7V
5V
10V
25
°C
125
°C
0
246
8
TC=–40
°C
10
6
0
4
2
8
(VDS=10V)
VGS (V)
(VGS=10V)
0
0
2
0.1
0.2
0.3
0.4
ID (A)
46
8
10
0.3
0.05
0.5
1
1
5
7
(VDS=10V)
ID (A)
510
0.5
0.1
25
°C
125
°C
TC=–40
°C
–40
0
0
50
100
150
0.2
0.3
0.4
0.5
TC (
°C)
0.1
ID=5A
VGS=10V
0
1020
3040
50
50
100
1000
Ciss
Coss
Crss
VDS (V)
500
10
VGS=0V
f=1MHz
0
1.0
1.5
5V
VSD (V)
0.5
10V
10
6
0
4
2
8
0.5
0.1
1
5
10
50
100
1
10
20
(TC=25
°C)
ID (pulse) max
1ms
10
ms
(1shot)
R
DS
(ON)
V
(V)
DS
0.5
5
LIMITED
100
µ
s
25
30
35
40
20
15
10
5
0
With Silicone Grease
Natural Cooling
All Circuits Operating
0
50
100
150
Ta (
°C)
Without Heatsink
N-channel
General purpose
Electrical characteristics
Absolute maximum ratings
sEquivalent circuit diagram
External dimensions
A • • • SLA


Similar Part No. - SLA5001

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5002 SANKEN-SLA5002 Datasheet
22Kb / 1P
N-channel With built-in flywheel diode
SLA5003 SANKEN-SLA5003 Datasheet
22Kb / 1P
N-channel With built-in flywheel diode
SLA5004 SANKEN-SLA5004 Datasheet
21Kb / 1P
P-channel General purpose
SLA5005 SANKEN-SLA5005 Datasheet
21Kb / 1P
P-channel General purpose
SLA5006 SANKEN-SLA5006 Datasheet
22Kb / 1P
P-channel With built-in flywheel diode
More results

Similar Description - SLA5001

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK04 SANKEN-SDK04 Datasheet
12Kb / 1P
N-channel General purpose
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
N-channel General purpose
SLA5026 SANKEN-SLA5026 Datasheet
21Kb / 1P
N-channel General purpose
SLA5042 SANKEN-SLA5042 Datasheet
22Kb / 1P
N-channel General purpose
SLA5044 SANKEN-SLA5044 Datasheet
20Kb / 1P
N-channel General purpose
SLA5047 SANKEN-SLA5047 Datasheet
21Kb / 1P
N-channel General purpose
SLA5049 SANKEN-SLA5049 Datasheet
21Kb / 1P
N-channel General purpose
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
N-channel General purpose
logo
List of Unclassifed Man...
SLA5077 ETC-SLA5077 Datasheet
28Kb / 1P
N-channel General purpose
logo
Sanken electric
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
N-channel General purpose
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com