Electronic Components Datasheet Search
  English  ▼

X  

SLA5017 Datasheet(PDF) 2 Page - Sanken electric

Part # SLA5017
Description  N-channel P-channel 3-phase motor drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5017 Datasheet(HTML) 2 Page - Sanken electric

  SLA5017 Datasheet HTML 1Page - Sanken electric SLA5017 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
N-ch
P-ch
N-ch
N-ch
P-ch
P-ch
N-ch
P-ch
Re(yfs)-ID Characteristics (Typical)
Safe Operating Area (SOA)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
PT-Ta Characteristics
Characteristic curves
SLA5017
(Ta=25
°C)
N channel
P channel
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
V(BR)DSS
60
V
ID=250
µA, VGS=0V
–60
V
ID=–250
µA, VGS=0V
IGSS
±500
nA
VGS=
±10V
500
nA
VGS= 20V
IDSS
250
µAVDS=60V, VGS=0V
–250
µAVDS=–60V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
–2.0
–4.0
V
VDS=–10V, ID=–250
µA
Re(yfs)
3.1
4.6
S
VDS=10V, ID=5A
1.6
2.2
S
VDS=–10V, ID=–4A
RDS(ON)
0.17
0.22
Ω
VGS=10V, ID=5A
0.38
0.55
Ω
VGS=–10V, ID=–4A
0.25
0.30
Ω
VGS=4V, ID=5A
Ciss
400
pF
VDS=25V, f=1.0MHz,
270
pF
VDS=–25V, f=1.0MHz,
Coss
160
pF
VGS=0V
170
pF
VGS=0V
ton
80
ns
ID=5A, VDD 30V, VGS=5V,
60
ns
ID=–4A, VDD –30V, VGS=–10V,
toff
50
ns
see Fig. 3 on page 16.
60
ns
see Fig. 4 on page 16.
VSD
1.1
1.5
V
ISD=5A, VGS=0V
–4.4
–5.5
V
ISD=–4A, VGS=0V
trr
150
ns
ISD=
±100mA
150
ns
ISD= 100mA
0.3
0.05
0.5
1
1
5
10
ID (A)
510
0.5
0.1
(VDS=10V)
25
°C
125
°C
TC
=–40
°C
0
1020
3040
50
10
100
1000
VDS (V)
500
50
VGS=0V
f=1MHz
Ciss
Coss
Crss
0
0
1.0
1.5
6
8
10
VSD (V)
0.5
4
2
4V
10V
VGS=0V
0.5
0.1
1
5
10
50
100
1
5
10
20
VDS (V)
0.5
(TC=25
°C)
ID (pulse) max
1ms
10
ms
(1shot)
R
DS
(ON)
LIMITED
100
µ
s
25
30
35
40
20
15
10
5
0
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
All Circuits Operating
Without Heatsink
0.3
–0.5
–1
1
5
ID (A)
–5
–8
0.5
–0.1
(VDS=–10V)
25
°C
125
°C
TC
=–40
°C
0
–10
–20
–30
–40
–50
50
100
700
VDS (V)
500
10
VGS=0V
f=1MHz
Ciss
Coss
Crss
0–3
–5
VSD (V)
–1
8
6
0
4
2
–2
–4
–5V
–10V
VGS=0V
–0.5
–0.1
–1
–5
–10
–50
–100
–1
–5
–10
VDS (V)
–0.5
(TC=25
°C)
ID (pulse) max
Electrical characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com