Electronic Components Datasheet Search
  English  ▼

X  

0791098403 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0791098403
Description  2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0791098403 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0791098403 Datasheet HTML 1Page - Molex Electronics Ltd. 0791098403 Datasheet HTML 2Page - Molex Electronics Ltd. 0791098403 Datasheet HTML 3Page - Molex Electronics Ltd. 0791098403 Datasheet HTML 4Page - Molex Electronics Ltd. 0791098403 Datasheet HTML 5Page - Molex Electronics Ltd. 0791098403 Datasheet HTML 6Page - Molex Electronics Ltd. 0791098403 Datasheet HTML 7Page - Molex Electronics Ltd. 0791098403 Datasheet HTML 8Page - Molex Electronics Ltd. 0791098403 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0791098403
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, Surface Mount, Vertical, Top/Bottom
Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel, 0.38µm (15µ")
Gold (Au) Selective, 8 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-79107 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
79109
Application
Board-to-Board
Comments
With Cap
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
8
Color - Resin
Black, Natural
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Polarized to Mating Part
No
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
79109Series
Mates With
87833 , 87832 , 87831 , 87758 , 87759 ,
87760


Similar Part No. - 0791098403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791098403 MOLEX1-0791098403_17 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Pressfit
More results

Similar Description - 0791098403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791098406 MOLEX9-0791098406 Datasheet
1Mb / 12P
2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
0791098468 MOLEX9-0791098468 Datasheet
1Mb / 12P
2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
0791098417 MOLEX9-0791098417 Datasheet
1Mb / 12P
2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
0791098402 MOLEX9-0791098402 Datasheet
1Mb / 12P
2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
0791098472 MOLEX9-0791098472 Datasheet
1Mb / 12P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
0791098408 MOLEX9-0791098408 Datasheet
1Mb / 12P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
0791098458 MOLEX9-0791098458 Datasheet
1Mb / 12P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
0791098423 MOLEX9-0791098423 Datasheet
1Mb / 12P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
0791098414 MOLEX9-0791098414 Datasheet
1Mb / 12P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
0791098412 MOLEX9-0791098412 Datasheet
1Mb / 12P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, with Cap, Embossed Tape on Reel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com