Electronic Components Datasheet Search
  English  ▼

X  

0876972002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0876972002
Description  6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876972002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0876972002 Datasheet HTML 1Page - Molex Electronics Ltd. 0876972002 Datasheet HTML 2Page - Molex Electronics Ltd. 0876972002 Datasheet HTML 3Page - Molex Electronics Ltd. 0876972002 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876972002
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus™ Pa-
S Receptacle, Press-fit, Vertical, 0.76µm (30µ") Gold (Au) Plating, 28 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-87633-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
87697
Application
Board-to-Board
Comments
Recessed Power Circuit Position: NIL
Overview
extreme_powerplus_ssi
Product Literature Order No
987650-3002
Product Name
EXTreme PowerPlus™
Physical
Circuits (Loaded)
28
Circuits Detail
Power Alpha 4, Signal 24
Color - Resin
Black
Durability (mating cycles max)
100
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Vertical
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In, 0.250 In
Pitch - Mating Interface (mm)
2.54 mm, 6.35 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
2.5A, 30A
Voltage - Maximum
50V DC
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87697Series
Mates With
87696 EXTreme PowerPlus™ Pa-S Header


Similar Part No. - 0876972002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876972001 MOLEX9-0876972001 Datasheet
208Kb / 4P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
More results

Similar Description - 0876972002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877102005 MOLEX9-0877102005 Datasheet
258Kb / 5P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus S-P(B) Receptacle
0876962014 MOLEX9-0876962014 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
0876962012 MOLEX9-0876962012 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
0877102001 MOLEX9-0877102001 Datasheet
258Kb / 5P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus S-P(B) Receptacle
0877003002 MOLEX9-0877003002 Datasheet
232Kb / 5P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
0876323006 MOLEX9-0876323006 Datasheet
294Kb / 5P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus P-S-P Receptacle
0876323009 MOLEX9-0876323009 Datasheet
298Kb / 5P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus P-S-P Receptacle
0876972001 MOLEX9-0876972001 Datasheet
208Kb / 4P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
0876962008 MOLEX9-0876962008 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
0876962011 MOLEX9-0876962011 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com