Electronic Components Datasheet Search
  English  ▼

X  

SLA5059 Datasheet(PDF) 2 Page - Sanken electric

Part # SLA5059
Description  N-channel P-channel 3-phase motor drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5059 Datasheet(HTML) 2 Page - Sanken electric

  SLA5059 Datasheet HTML 1Page - Sanken electric SLA5059 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
83
N-ch
P-ch
N-ch
N-ch
P-ch
P-ch
N-ch
P-ch
Re(yfs)-ID Characteristics (Typical)
Safe Operating Area (SOA)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
PT-Ta Characteristics
Characteristic curves
SLA5059
(Ta=25
°C)
N channel
P channel
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
V(BR)DSS
60
V
ID=100
µA, VGS=0V
–60
V
ID=–100
µA, VGS=0V
IGSS
±10
µAVGS=±20V
10
µAVGS= 20V
IDSS
100
µAVDS=60V, VGS=0V
–100
µAVDS=–60V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
–1.0
–2.0
V
VDS=–10V, ID=–250
µA
Re(yfs)
2.5
S
VDS=10V, ID=2A
3
S
VDS=–10V, ID=–2A
RDS(ON)
0.55
Ω
VGS=4V, ID=2A
0.55
Ω
VGS=–10V, ID=–2A
Ciss
150
pF
VDS=10V, f=1.0MHz,
320
pF
VDS=–10V, f=1.0MHz,
Coss
70
pF
VGS=0V
130
pF
VGS=0V
Crss
15
pF
40
pF
td(on)
12
ns
ID=2A, VDD 20V,
20
ns
ID=–2A, VDD –20V,
tr
40
ns
RL=10
Ω, VGS=5V,
95
ns
RL=10
Ω, VGS=–5V,
td(off)
40
ns
see Fig. 3 on page 16.
70
ns
see Fig. 4 on page 16.
tf
25
ns
60
ns
VSD
1.2
V
ISD=4A, VGS=0V
–1.1
V
ISD=–4A, VGS=0V
ISD=2A, VGS=0V,
ISD=–2A, VGS=0V,
trr
75
ns
di/dt=100A/
µs
75
ns
di/dt=100A/
µs
Electrical characteristics
0.1
0.005
0.1
1
1
10
ID (A)
8
Tc= –40
°C
25
°C
125
°C
(VDS=10V)
010
20
30
40
50
1
100
1000
VDS (V)
10
Ciss
Coss
Crss
VGS=0V
f=1MHz
0.0
1.0
2.0
1.5
2
0
8
VSD (V)
0.5
4
6
VGS=10V
4V
0V
1
10
100
1
0.1
10
VDS (V)
RDS (on) LIMITED
10ms
(Tc=25
°C)
1ms
100
µs
0.1
–0.1
1
10
ID (A)
–1
–8
–0.005
Tc=–40
°C
25
°C
125
°C
(VDS=–10V)
0
–10
–20
–30
–40
–50
10
100
1000
VDS (V)
1
Ciss
Coss
Crss
VGS=0V
f=1MHz
0.0
–1.0
–2.0
–1.5
–2
0
–8
VSD (V)
–0.5
–4
–6
VGS=–10V
–4V
0V
–1
–0.1
–10
–100
–1
–10
VDS (V)
100
µs
1ms
10ms
RDS (ON)
LIMITED
(Tc=25
°C)
25
30
35
40
20
15
10
5
0
Without Heatsink
With
Infinite
Heatsink
With Silicone Grease
Natural Cooling
All Circuits Operating
0
50
100
150
Ta (
°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com