Electronic Components Datasheet Search
  English  ▼

X  

0876962012 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0876962012
Description  6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876962012 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0876962012 Datasheet HTML 1Page - Molex Electronics Ltd. 0876962012 Datasheet HTML 2Page - Molex Electronics Ltd. 0876962012 Datasheet HTML 3Page - Molex Electronics Ltd. 0876962012 Datasheet HTML 4Page - Molex Electronics Ltd. 0876962012 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876962012
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus™ Pa-
S Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Contacts, 25
Circuits, Power Alpha 9, Signal 16, No Recessed Signal Pin, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-87631-006 (PDF)
General
Product Family
PCB Headers
Series
87696
Application
Board-to-Board
Comments
Long Contact
Overview
extreme_powerplus_ssi
Product Name
EXTreme PowerPlus™
Physical
Breakaway
No
Circuits (Loaded)
25
Circuits (maximum)
25
Circuits Detail
Power Alpha 9, Signal 16
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In, 0.250 In
Pitch - Mating Interface (mm)
2.54 mm, 6.35 mm
Pitch - Term. Interface (in)
0.100 In, 0.125 In
Pitch - Term. Interface (mm)
2.54 mm, 3.18 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Closed Ends
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87696Series
Mates With
87697 EXTreme PowerPlus™ Press-Fit Pa-
S Receptacle. 87700 EXTreme PowerPlus™
Through Hole Pa-S Receptacle


Similar Part No. - 0876962012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876962010 MOLEX9-0876962010 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??Pa- S Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Contacts
0876962011 MOLEX9-0876962011 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
0876962014 MOLEX9-0876962014 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
More results

Similar Description - 0876962012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876972002 MOLEX9-0876972002 Datasheet
208Kb / 4P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
0876962014 MOLEX9-0876962014 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
0876674012 MOLEX9-0876674012 Datasheet
293Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus S-Pb Header
0876674011 MOLEX9-0876674011 Datasheet
293Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus S-Pb Header
0877003002 MOLEX9-0877003002 Datasheet
232Kb / 5P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
0876674006 MOLEX9-0876674006 Datasheet
294Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus S-Pb Header
0876675001 MOLEX9-0876675001 Datasheet
302Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus S-Pb Header
0876972001 MOLEX9-0876972001 Datasheet
208Kb / 4P
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
0876962008 MOLEX9-0876962008 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
0876962011 MOLEX9-0876962011 Datasheet
296Kb / 5P
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus Pa-S Header
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com