Electronic Components Datasheet Search
  English  ▼

X  

SSB-14 Datasheet(PDF) 2 Page - Sanken electric

Part # SSB-14
Description  Schottky Barrier Diodes (Surface Mount) 40V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSB-14 Datasheet(HTML) 2 Page - Sanken electric

  SSB-14 Datasheet HTML 1Page - Sanken electric SSB-14 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
20
50
40
30
60
0
1
5
50
10
20ms
SFPB-74
SFPE-64
0
25
50
75
100
125
0
0.4
0.8
1.2
1.6
2.0
t 1.6 P.C.B
Solder Land
=
5.0 35
µmCu
20
10
1
0.1
0.01
0.001
200
100
10
1
0.1
0.01
0.003
0.2
0.4
0.6
0.8
0
1.0
1.2
Ta 125ºC
=
100ºC
60ºC
25ºC
10
30
60
20
40
50
100ºC
Ta 125ºC
=
60ºC
25ºC
91
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com