Electronic Components Datasheet Search
  English  ▼

X  

STA458C Datasheet(PDF) 2 Page - Sanken electric

Part # STA458C
Description  PNPNPN H-bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA458C Datasheet(HTML) 2 Page - Sanken electric

  STA458C Datasheet HTML 1Page - Sanken electric STA458C Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
147
NPN
PNP
NPN
PNP
NPN
PNP
VCE(sat)-IB Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
Safe Operating Area (SOA)
Characteristic curves
STA458C
(Ta=25
°C)
NPN
PNP
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
ICBO
10
µAVCB=50V
–10
µAVCB=–50V
IEBO
20
mA
VEB=6V
–20
mA
VEB=–6V
VCEO
30
V
IC=25mA
–30
V
IC=–25mA
hFE
70
VCE=1V, IC=1A
70
VCE=–1V, IC=–1A
40
VCE=1V, IC=4A
40
VCE=–1V, IC=–4A
VCE(sat)
0.5
V
IC=3A, IB=0.1A
–0.5
V
IC=–3A, IB=–0.1A
ton
0.3
µsVCC 12V,
0.3
µsVCC –12V,
tstg
0.5
µsIC=3A,
0.5
µsIC=–3A,
tf
0.1
µsIB1=–IB2=100mA
0.1
µsIB1=–IB2=–100mA
trr
2.0
µsIF=IR=100mA
2.0
µsIF=IR=100mA
0.005
IB (A)
0.05
1
0.5
0.1
0.001
0
1
2
IC=5A
3A
2A
1A
1
PW (mS)
5
1000
500
100
50
10
5
1.0
10
0.5
20
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
5
VCE (V)
10
30
50
5
0.2
1
0.5
10
2
Single Pulse
Without Heatsink
Ta=25
°C
–0.005
IB (A)
–0.1
–1
–0.5
–0.05
–0.01
0
–1
–2
IC=–5A
–3A
–2A
–1A
5
VCE (V)
10
30
50
1
5
0.2
0.5
10
2
Single Pulse
Without Heatsink
Ta=25
°C
0.02
IC (A)
1
0.5
20
10
5
0.1
0.05
0
1.0
0.5
1.5
(IC / IB=20)
Ta=150
°C
75
°C
25
°C
–40
°C
–0.02
IC (A)
–1
–0.5
–20
–10
–5
–0.1
–0.05
0
–1.0
–0.5
–1.5
(IC / IB=20)
Ta=150
°C
75
°C
25
°C
–40
°C
PT-Ta Characteristics
θj-a-PW Characteristics
Electrical characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com