Electronic Components Datasheet Search
  English  ▼

X  

STA801M Datasheet(PDF) 2 Page - Sanken electric

Part # STA801M
Description  2-Output Separate Excitation Switching Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA801M Datasheet(HTML) 2 Page - Sanken electric

  STA801M Datasheet HTML 1Page - Sanken electric STA801M Datasheet HTML 2Page - Sanken electric STA801M Datasheet HTML 3Page - Sanken electric STA801M Datasheet HTML 4Page - Sanken electric STA801M Datasheet HTML 5Page - Sanken electric STA801M Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
109
qSTA801M/802M
sElectrical Characteristics
(Ta=25
°C)
*Efficiency indicates the value when only one channel is active. The value can be calculated as shown below. 7.5mA is deducted for the no-load
circuit current of
Icc
at unused output.
2
η=
VO•IO
× 100(%)
VIN•(IIN–0.0075)
Ch1
Ch2
(Select one output)
VO2-4
Common
Unit
V
%
mV/
°C
mV
mV
V
V
V
V
%
mV/
°C
mV
mV
mA
kHZ
A
Symbol
VO1
Conditions
η1
Conditions
∆VO/∆Ta1
∆VOLINE1
Conditions
∆VOLOAD1
Conditions
VO2-1
Conditions
VO2-2
Conditions
VO2-3
Conditions
VO2-4
Conditions
η
Conditions
∆VO/∆Ta
∆VOLINE
Conditions
∆VOLOAD
Conditions
ICC
f
IS1
Ratings
STA801M
STA802M
min.
typ.
max.
min.
typ.
max.
4.80
5.00
5.20
8.64
9.00
9.36
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
80
86
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
±0.5
±1.0
30
90
35
110
VIN=10 to 30V, IO=0.3A
VIN=14 to 30V, IO=0.3A
10
40
20
80
VIN=20V, IO=0.1 to 0.4A
VIN=20V, IO=0.1 to 0.4A
8.64
9.00
9.36
8.74
9.10
9.46
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
11.04
11.50
11.96
11.24
11.70
12.16
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
11.62
12.10
12.58
11.62
12.10
12.58
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
14.88
15.50
16.12
15.08
15.70
16.32
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
89
89
VIN=20V, IO=0.3A
VIN=20V, IO=0.3A
±2.0
±2.0
40
130
40
130
VIN=20 to 30V, IO=0.3A
VIN=20 to 30V, IO=0.3A
30
120
30
120
VIN=20V, IO=0.1 to 0.4A
VIN=20V, IO=0.1 to 0.4A
15
15
125
125
0.51
0.7
0.51
0.7
Parameter
Output voltage 1
Efficiency *
Temperature Coefficient of Output Voltage
Line Regulation
Load Regulation
Output voltage 2-1
Output voltage 2-2
Output voltage 2-3
Output voltage 2-4
Efficiency*
Temperature Coefficient of Output Voltage
Line Regulation
Load Regulation
No-load Circuit Current
Switching Frequency
Overcurrent Protection Starting Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com