Electronic Components Datasheet Search
  English  ▼

X  

STA802M Datasheet(PDF) 4 Page - Sanken electric

Part # STA802M
Description  2-Output Separate Excitation Switching Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA802M Datasheet(HTML) 4 Page - Sanken electric

  STA802M Datasheet HTML 1Page - Sanken electric STA802M Datasheet HTML 2Page - Sanken electric STA802M Datasheet HTML 3Page - Sanken electric STA802M Datasheet HTML 4Page - Sanken electric STA802M Datasheet HTML 5Page - Sanken electric STA802M Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
111
sTa-PD Characteristics
STA800M
sStandard External Circuit
+
4
SWOUT1
VIN
VIN
VO2 Cont
GND
GND
SS1
SS2
VOS1
VOS2
VOS2
SWOUT2
–2
–1
2
7
10
9
6
3
8
1
5
L1
Ch 1
Ch 2
VO1
VO2
Or
L2
150 H
µ
5V:100 H
9V:150 H
Open:ON
Low :OFF
µ
µ
330 F
C3
C2
µ
330 F
µ
C1
220 F
C4
0.47 F
C5
0.47 F
µ
µ
µ
+
+
+
+
Open:ON
Low :OFF
7
6
5
4
3
2
1
0
Ambient Temperature Ta (
°C)
0
–30
25
50
75
100
125
Without Heatsink
With Infinite Heatsink
See "Output selection method" for details about
connecting VOS2-1 and VOS2-2 of Channel 2.
qSTA801M/802M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com