Electronic Components Datasheet Search
  English  ▼

X  

STR2013 Datasheet(PDF) 3 Page - Sanken electric

Part # STR2013
Description  Switching Type(Chopper * Self Oscillation Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR2013 Datasheet(HTML) 3 Page - Sanken electric

  STR2013 Datasheet HTML 1Page - Sanken electric STR2013 Datasheet HTML 2Page - Sanken electric STR2013 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
11
STR2000 Series Typical Characteristics (Ta=25
°C)
s STR2005
Rise Characteristics
Efficiency Characteristics
0
10
8
6
4
2
0
24
6
8
10
Input Voltage VIN (V)
12
14
16
18
20
IO=0A
1A, 2A
100
90
80
70
60
50
40
30
0
Output Current IO (A)
0
0.5
1.0
1.5
2.0
2.5
30V
40V
VIN=11V
20V
0
20
15
10
5
0
510
15
20
Input Voltage VIN (V)
25
30
35
40
45
2A
IO=0A, 1A
100
90
80
70
60
50
40
0
Output Current IO (A)
0
0.5
1.0
1.5
2.0
2.5
30V
40V
35V
45V
VIN=18V
24V
0
30
25
20
15
10
5
0
510
15
20
Input Voltage VIN (V)
25
30
35
40
45
IO=0A, 1A
2A
100
90
80
70
60
50
40
0
Output Current IO (A)
0
0.5
1.0
1.5
2.0
2.5
40V
35V
45V
VIN=30V
50V
s STR2012
Rise Characteristics
Efficiency Characteristics
s STR2024
Rise Characteristics
Efficiency Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com