Electronic Components Datasheet Search
  English  ▼

X  

STR2024 Datasheet(PDF) 2 Page - Sanken electric

Part # STR2024
Description  Switching Type(Chopper * Self Oscillation Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR2024 Datasheet(HTML) 2 Page - Sanken electric

  STR2024 Datasheet HTML 1Page - Sanken electric STR2024 Datasheet HTML 2Page - Sanken electric STR2024 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10
s Outline Drawing/Terminal Connections (unit:mm)
s Block Diagram
s Ta-PD Characteristics
s Standard External Circuit
s Variable Output Voltage Circuit
Plastic Mold Package Type
Flammability: UL94V-0
Terminal Connections
q Switching Output (backside of case)
w Output Voltage Adjustment
e Ground
r Output Voltage Detection
t Input
Weight: Approx. 14.5g
Type
Inductance L
STR2005
200
µH
STR2012
300
µH
STR2013
300
µH
STR2015
350
µH
STR2024
400
µH
STR2000 Series
Lot Number
Type
36.0
±0.3
2.0
±0.2
24.4
±0.2
5.45
×4
2.0
3.0
3.5
5.45
1.0
+0.2
–0.1
0.6
+0.2
–0.1
6.0max.
qwe
r
t
Tr1
Tr2
51
4
2
3
R8
R5
D1
R7
R6
R4
R3
R2
R1
M1
C2
C1
24
20
16
12
8
4
0
–20
0
20
40
Ambient Temperature Ta(
°C)
60
80
100
150
×150×2(3.3°C/W)
100
×100×2(5.2°C/W)
75
×75×2(7.6°C/W)
Without heatsink
Without Mica
With Silicone Grease
Heatsink: Aluminum
Unit: mm
VIN
Vout
L
GND
GND
DC Input
DC Output
1000
µF
1000
µF
++
–
1
3
4
5
VIN
VOUT
L
GND
GND
DC Input
DC Output
1000
µF
VR2
VR1
VR1
VR2
: VOUT down
: VOUT up
1000
µF
++
–
1
32
4
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com