Electronic Components Datasheet Search
  English  ▼

X  

TF321M Datasheet(PDF) 1 Page - Sanken electric

Part # TF321M
Description  TO-220 3A Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TF321M Datasheet(HTML) 1 Page - Sanken electric

  TF321M Datasheet HTML 1Page - Sanken electric TF321M Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
sAbsolute Maximum Ratings
sElectrical Characteristics
Parameter
Symbol
Ratings
Unit
Conditions
V
Tj= – 40 to +125
°C, RGK =1kΩ
50Hz Half-cycle sinewave, Continuous current, Tc =102
°C
50Hz Half-cycle sinewave, Single shot, Non-repetitive, Tj=125
°C
f
50Hz
f
50Hz, duty
10%
f
50Hz, duty
10%
200
TF321M
TF341M
TF361M
600
200
600
300
700
300
700
400
V
V
V
A
A
A
A
V
V
W
W
°C
°C
VDRM
VRRM
VDSM
VRSM
IT(AV)
IT(RMS)
ITSM
IFGM
VFGM
VRGM
PGM
PG(AV)
Tj
Tstg
400
500
500
3.0
4.7
60
2.0
10
5.0
5.0
0.5
–40 to +125
–40 to +125
V
V
mA
V
mA
V/
µS
µS
°C/W
Parameter
Symbol
Ratings
typ
min
max
Unit
Conditions
mA
mA
IDRM
VTM
IGT
tq
IRRM
VGT
VGD
IH
dv/dt
Rth
2.0
4.0
50
30
3.0
0.1
1.4
1.5
10
2.0
2.0
Tj=125
°C, VD=VDRM(VRRM), RGK=1k
Ω
TC=25
°C, ITM=5A
VD=6V, RL=10
Ω, TC=25°C
RGK=1k
Ω, Tj=25°C
Junction to case
Tc=25
°C
VD=1/2
×VDRM, Tj=125°C, RGK=1kΩ, CGK=0.033µF
VD=1/2
×VDRM, Tj=125°C, RGK=1kΩ
s Features
q
Repetitive peak off-state voltage: VDRM=200, 400, 600V
q
Average on-state current: IT(AV)=3A
q
Gate trigger current: IGT=10mA max
Weight: Approx. 2.6g
6
External Dimensions
(Unit: mm)
1.7±
0.2
φ3.75±0.1
1.35±
0.15
2.5±
0.1
2.5±
0.1
+0.2
–0.1
0.65
10.4max
5.0max
2.1max
(1). Cathode (K)
(2). Anode (A)
(3). Gate (G)
TF321M / TF341M / TF361M
TO-220 3A Thyristor
a
b
(1) (2) (3)
a. Part Number
b. Lot Number
Repetitive peak off-state voltage
Repetitive peak reverse voltage
Non-repetitive peak off-state voltage
Non-repetitive peak reverse voltage
Average on-state current
RMS on-state current
Surge on-state current
Peak forward gate current
Peak forward gate voltage
Peak reverse gate voltage
Peak gate power loss
Average gate power loss
Junction temperature
Storage temperature
Off-state current
Reverse current
On-state voltage
Gate trigger voltage
Gate trigger current
Gate non-trigger voltage
Holding current
Critical rate-of-rise of off-state voltage
Turn-off time
Thermal resistance


Similar Part No. - TF321M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF321M-A SANKEN-TF321M-A Datasheet
45Kb / 2P
TO-220 3A High sensitive Thyristor
More results

Similar Description - TF321M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF321M-A SANKEN-TF321M-A Datasheet
45Kb / 2P
TO-220 3A High sensitive Thyristor
TF321S SANKEN-TF321S Datasheet
30Kb / 1P
TO-220F 3A Thyristor
TF521M SANKEN-TF521M Datasheet
48Kb / 2P
TO-220 5A Thyristor
TF821M SANKEN-TF821M Datasheet
48Kb / 2P
TO-220 8A Thyristor
TM341M-L SANKEN-TM341M-L Datasheet
64Kb / 2P
TO-220 3A Triac
logo
NEC
3P4J NEC-3P4J Datasheet
1Mb / 6P
3A MOLD THYRISTOR
logo
Renesas Technology Corp
CR3PM-8ME RENESAS-CR3PM-8ME Datasheet
155Kb / 3P
400V - 3A - Thyristor
CR3AS-8ME RENESAS-CR3AS-8ME Datasheet
454Kb / 7P
400V - 3A - Thyristor
May. 10, 2019
CR3AS-8UE RENESAS-CR3AS-8UE Datasheet
483Kb / 7P
400V - 3A - Thyristor
May. 10, 2019
CR3CS-12A RENESAS-CR3CS-12A Datasheet
486Kb / 8P
600V - 3A - Thyristor
Oct. 10, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com