Electronic Components Datasheet Search
  English  ▼

X  

TM341M-L Datasheet(PDF) 2 Page - Sanken electric

Part # TM341M-L
Description  TO-220 3A Triac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TM341M-L Datasheet(HTML) 2 Page - Sanken electric

  TM341M-L Datasheet HTML 1Page - Sanken electric TM341M-L Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
10
0
30
40
Number of cycle
ITSM Ratings
1
5
10
50
100
0
2
4
6
8
10
12
Gate current
iGF (A)
Gate Characteristics
0
0.5
1.0
1.5
1cycle
10 ms
ITSM
0.5
1
5
10
50
100
1.0
2.0
3.5
3.0
On-state voltage
vT (V)
vT – iT Characteristics (max)
50Hz
0
0
2
4
20
40
60
0
0
1
2
5
3
4
12
3
4
5
RMS on-state current IT(RMS) (A)
IT(RMS) –PT(AV) Characteristics
0
0
25
50
100
75
150
125
12
3
4
5
RMS on-state current IT(RMS) (A)
IT(RMS) – Tc Ratings
– 40
0
75
100
25
50
125
0
10
5
Junction temperature Tj (
°C)
(
VD=30V, IP=3.0A, RGK=
∞)
vgt
tw
50%
tw
50%
igt
0.5 1
10
10
2
10
3
Pulse width
tw (
µs)
0.1
1
30
10
0.1
1
30
10
Pulse trigger temperature Characteristics
igt (Typical)
10
4
0.5 1
10
10
2
10
3
Pulse width
tw (
µs)
10
4
0.1
1
30
10
0.5 1
10
10
2
10
3
Pulse width
tw (
µs)
10
4
0.5 1
10
10
2
10
3
Pulse width
tw (
µs)
0.1
1
30
10
10
4
(MODE – )
(MODE – )
(MODE – )
(MODE – )
(MODE – )
(MODE – )
0.5 1
10
10
2
10
3
Pulse width
tw (
µs)
0.1
1
30
10
10
4
0.5 1
10
10
2
10
3
Pulse width
tw (
µs)
0.1
1
30
10
10
4
0.1
1
10
102
103
t, Time (ms)
0.1
1
100
10
104
105
–40
0
75
100
25
50
125
0
1.0
0.8
0.6
0.4
0.2
1.2
Junction temperature Tj (
°C)
VGT temperature characteristics
( Typical)
IGT temperature characteristics
( Typical)
– 40
0
75
100
25
50
125
0
24
10
20
Junction temperature Tj (
°C)
MODE
( T2
+,G+)
MODE
( T2
+,G–)
MODE
( T2
–,G–)
Tj=25
°C
Tj=125
°C
0
0
25
50
100
75
150
125
1.0
1.5
0.5
2.0
2.5
3.0
RMS on-state current IT(RMS) (A)
IT(RMS) – Ta Ratings
29
(VD=6V, RL=10
Ω)
(VD=6V, RL=10
Ω)
TM341M-L, TM361M-L
Tj=125
°C
Initial junction temperature
See graph at the upper right
Gate trigger current
IGT (mA)
Full-cycle sinewave
Conduction angle
θ=θ1+θ2=360°
θ1
θ2
Full-cycle sinewave
Conduction angle
θ=θ1+θ2=360°
θ1
θ2
Full-cycle sinewave
Conduction angle : 360
°
Self-supporting
Natural cooling
No wind
IH temperature Characteristics
(Typical)
(T2
+–T1–)
(T2
––T1+)
Pulse trigger temperature Characteristics
vgt (Typical)
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
vgt
tw
50%
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
vgt
tw
50%
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
tw
50%
igt
tw
50%
igt
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
MODE
( T2
+,G+)
MODE
( T2
+,G–)
MODE
( T2
–,G–)
Transient thermal resistance
Characteristics
Junction to
case
junction to
operating
environment



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com