Electronic Components Datasheet Search
  English  ▼

X  

TM341 Datasheet(PDF) 1 Page - Sanken electric

Part # TM341
Description  TO-220F 3A Triac
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TM341 Datasheet(HTML) 1 Page - Sanken electric

  TM341 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sAbsolute Maximum Ratings
sElectrical Characteristics
Parameter
Symbol
Ratings
Unit
Conditions
V
Conduction angle 360
°, Tc=109°C
50Hz full-cycle sinewave, Peak value, Non-repetitive, Tj=125
°C
50Hz Sine wave, RMS, Terminal to Case, 1 min.
400
TM341S-R
600
TM361S-R
A
A
V
A
W
W
°C
°C
VDRM
IT(RMS)
ITSM
VGM
IGM
PGM
PG(AV)
Tj
Tstg
3.0
30
—
0.5
3
0.3
– 40 to
+125
– 40 to
+125
Vrms
VISO
1500
V
T2
+
, G
+
T2
+
, G
–
T2
–
, G
–
T2
–
, G
+
T2
+
, G
+
T2
+
, G
–
T2
–
, G
–
T2
–
, G
+
V
mA
V
mA
°C/W
Parameter
Symbol
Ratings
typ
min
max
Unit
Conditions
mA
IDRM
VTM
VGT
IGT
VGD
IH
Rth
0.7
0.8
3.0
7
8
9
70
12
1.3
1.2
12
12
12
5.0
0.1
1.6
1.8
1.2
0.1
2.0
VD=VDRM, RGK=
∞, Tj=125°C
VD=VDRM, RGK=
∞, Tj=25°C
Pulse test, ITM=5A
VD=6V, RL=10
Ω, TC=25°C
VD=6V, RL=10
Ω, TC=25°C
Junction to case
VD=6V
VD=1/2
×VDRM, Tj=125°C
52
TM341S-R, TM361S-R
TO-220F 3A Triac
s Features
q
Repetitive peak off-state voltage: VDRM=400, 600V
q
RMS on-state current: IT(RMS)=3A
q
Gate trigger current: IGT=12mA max (MODE , ,
)
q
Isolation voltage: VISO=1500V (50Hz Sine wave, RMS )
q
For resistive load
q
UL approved type available
10.0±
0.2
4.2±
0.2
1.35±
0.15
1.35±
0.15
2.4±
0.2
2.2±
0.2
φ3.3±0.2
0.85
+0.2
–0.1
+0.2
–0.1
C 0.5
2.8
2.54
2.54
0.45
Weight: Approx. 2.1g
External Dimensions
(Unit: mm)
(1) (2) (3)
a
b
(1). Terminal 1 (T1)
(2). Terminal 2 (T2)
(3). Gate (G)
a. Part Number
b. Lot Number
Repetitive peak off-state voltage
RMS on-state current
Surge on-state current
Peak gate voltage
Peak gate current
Peak gate power loss
Average gate power loss
Junction temperature
Storage temperature
Isolation voltage
Off-state current
On-state voltage
Gate trigger voltage
Gate trigger current
Gate non-trigger voltage
Holding current
Thermal resistance


Similar Part No. - TM341

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM341 SANKEN-TM341 Datasheet
64Kb / 2P
TO-220 3A Triac
TM341 SANKEN-TM341 Datasheet
63Kb / 2P
TO-220F 3A Triac
TM341M-L SANKEN-TM341M-L Datasheet
64Kb / 2P
TO-220 3A Triac
TM341S-L SANKEN-TM341S-L Datasheet
63Kb / 2P
TO-220F 3A Triac
More results

Similar Description - TM341

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF321S SANKEN-TF321S Datasheet
30Kb / 1P
TO-220F 3A Thyristor
TM1041S-L SANKEN-TM1041S-L Datasheet
61Kb / 2P
TO-220F 10A Triac
TM1041S-R SANKEN-TM1041S-R Datasheet
32Kb / 1P
TO-220F 10A Triac
TM1241S-L SANKEN-TM1241S-L Datasheet
61Kb / 2P
TO-220F 12A Triac
TM1241S-R SANKEN-TM1241S-R Datasheet
64Kb / 2P
TO-220F 12A Triac
TM1641S-L SANKEN-TM1641S-L Datasheet
45Kb / 2P
TO-220F 16A Triac
TM341S-L SANKEN-TM341S-L Datasheet
63Kb / 2P
TO-220F 3A Triac
TM541S-L SANKEN-TM541S-L Datasheet
43Kb / 2P
TO-220F 5A Triac
TM541S-R SANKEN-TM541S-R Datasheet
32Kb / 1P
TO-220F 5A Triac
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
TO-220F 8A Triac
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com