Electronic Components Datasheet Search
  English  ▼

X  

TM561S-L Datasheet(PDF) 2 Page - Sanken electric

Part # TM561S-L
Description  TO-220F 5A Triac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TM561S-L Datasheet(HTML) 2 Page - Sanken electric

  TM561S-L Datasheet HTML 1Page - Sanken electric TM561S-L Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
20
40
100
80
60
140
120
1.0
1.5
0.5
2.0
2.5
3.0
0.5
0.1
0.5
1
5
10
50
100
1.0
1.5
2.0
2.5
3.0
3.5
On-state voltage
vT (V)
vT – iT Characteristics (max)
0
0
25
100
75
50
150
125
12
3
4
6
5
RMS on-state current IT(RMS) (A)
IT(RMS) – Tc Ratings
0
0
1
5
4
3
2
7
6
12
3
4
5
6
RMS on-state current IT(RMS) (A)
IT(RMS) –PT(AV) Characteristics
IT(RMS) – Ta Ratings
RMS on-state current IT(RMS) (A)
– 40
0
75
100
25
50
125
1
50
10
5
100
–40
0
75
100
25
50
125
0
1.0
0.8
0.6
0.4
0.2
1.2
0.1
1
10
10
10
0.1
1
100
10
23
10
4
10
5
35
TM541S-L, TM561S-L
Tj=25
°C
Tj=125
°C
Full-cycle sinewave
Conduction angle : 360
°
Full-cycle sinewave
Conduction angle : 360
°
Full-cycle sinewave
Conduction angle : 360
°
Self-supporting
Natural cooling
No wind
Junction temperature Tj (
°C)
VGT temperature characteristics
( Typical)
MODE
MODE
MODE
(VD=6V, RL=10
Ω)
IGT temperature characteristics
( Typical)
Junction temperature Tj (
°C)
(VD=6V, RL=10
Ω)
MODE
MODE
MODE
t, Time (ms)
Transient thermal resistance
Characteristics
Junction to
operating
environment
Junction to
case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com