Electronic Components Datasheet Search
  English  ▼

X  

TM861 Datasheet(PDF) 2 Page - Sanken electric

Part # TM861
Description  TO-220 8A Triac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TM861 Datasheet(HTML) 2 Page - Sanken electric

  TM861 Datasheet HTML 1Page - Sanken electric TM861 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
2
4
6
8
10
12
01
2
3
0.5
0.3
1
5
10
50
100
1.0
2.0
3.6
3.0
40
20
0
80
60
100
1
5
10
50
100
50Hz
0
0
2
1
3
20
80
40 60
–40
0
75
100
25
50
125
0
20
10
0
0
2
12
8
10
4
6
24
6
8
10
0
0
25
50
100
75
150
125
24
10
68
50%
0.5 1
10
10
10
0.1
1
30
10
23
104
0.5 1
10
10
10
0.1
1
30
10
23
104
0.5 1
10
10
10
0.1
1
30
10
23
104
0.5 1
10
10
10
0.1
1
30
10
23
104
0.5 1
10
10
10
0.1
1
30
10
23
104
0.5 1
10
10
10
0.1
1
30
10
23
104
0.1
1
10
10
10
0.1
1
100
10
23
10
4
10
5
–40
0
75
100
25
50
125
0
1.0
0.8
0.6
0.4
0.2
1.2
–40
0
75
100
25
50
125
0
24
20
10
0
0
25
50
100
75
150
125
1.0
1.5
0.5
2.0
2.5
3.0
37
TM841M-L, TM861M-L
On-state voltage
vT (V)
vT – iT Characteristics (max)
Tj=25
°C
Tj=125
°C
Number of cycle
ITSM Ratings
1cycle
10 ms
ITSM
Tj=125
°C
Initial junction temperature
Gate current
iGF (A)
Gate Characteristics
See graph at the upper right
Gate trigger current
IGT (mA)
RMS on-state current IT(RMS) (A)
IT(RMS) –PT(AV) Characteristics
Full-cycle sinewave
Conduction angle :360
°
Full-cycle sinewave
Conduction angle :360
°
RMS on-state current IT(RMS) (A)
IT(RMS) – Tc Ratings
IT(RMS) – Ta Ratings
RMS on-state current IT(RMS) (A)
Full-cycle sinewave
Conduction angle : 360
°
Self-supporting
Natural cooling
No wind
Junction temperature Tj (
°C)
IH temperature Characteristics
(Typical)
(
VD=30V)
(T2
+–T1–)
(T2
––T1+)
Pulse trigger temperature Characteristics
igt (Typical)
(MODE – )
(MODE – )
(MODE – )
(MODE – )
(MODE – )
(MODE – )
Pulse trigger temperature Characteristics
vgt (Typical)
Pulse width
tw (
µs)
Pulse width
tw (
µs)
Pulse width
tw (
µs)
vgt
tw
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
50%
vgt
tw
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
50%
vgt
tw
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
Pulse width
tw (
µs)
Pulse width
tw (
µs)
Pulse width
tw (
µs)
igt
50%
tw
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
igt
50%
tw
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
igt
50%
tw
Tj= – 40
°C
–20
°C
25
°C
75
°C
125
°C
Junction temperature Tj (
°C)
VGT temperature characteristics
( Typical)
MODE
( T2
+,G+)
MODE
( T2
+,G–)
MODE
( T2
–,G–)
(VD=6V, RL=10
Ω)
IGT temperature characteristics
( Typical)
Junction temperature Tj (
°C)
(VD=6V, RL=10
Ω)
MODE
( T2
+, G+)
MODE
( T2
+, G–)
MODE
( T2
–, G–)
t, Time (ms)
Transient thermal resistance
Characteristics
Junction to
operating
environment
Junction to
case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com