Electronic Components Datasheet Search
  English  ▼

X  

VR-60SS Datasheet(PDF) 1 Page - Sanken electric

Part # VR-60SS
Description  Symmetrical type Silicon Varistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

VR-60SS Datasheet(HTML) 1 Page - Sanken electric

  VR-60SS Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Symmetrical type Silicon Varistors
Parameter
Type No.
Absolute Maximum Ratings
IF
(mA)
IFSM
(A)
VF
(V)
IF
(mA)
IF
(
µA)
(V)
50Hz
1cycle Sinewave
Tj
(
°C)
Tstg
(
°C)
(
°C/W)
(g)
Mass
Others
VR-60SS
400
150
15
7.5
2.3
±0.25
2.75
±0.25
3.1
±0.25
1.5max
1A
1
10
20
0.2
–40 to +100
20
0.3
VR-61SS
A
70
max
VR-60SS, 61SS
20
80
40
60
100
0
Ambient tamperature
Ta (
°C)
020
100
40
60
80
1
5
10
50
0.5
100
0
Forward current
IF (mA)
10
8
6
4
2
12
VF—IF Characteristics (Typical)
IF(%)—Ta Characteristics
Forward current
IF (mA)
0.01
1
10
100
1000
0.1
0
1
2
3
4
VF—IF Characteristics (Typical)
Internal junction
Color indication
Orange
Type No.
VR-60SS
VR-61SS
Red
Orange
VR-61SS
VR-60SS
VR-60SS
2.7
±0.2
0.6
VR
-61S
S
115
Fig.
Applications: Divided voltage stabilization circuit, Signal limiter circuit,
Temperature detection circuit, Zener voltage stabilization circuit,
Meter protection circuit, etc.
External Dimensions
(Unit: mm)
Resin molded type
Flammability:
UL94V-0 or Equivalent
A
Fig.
In North America, please send inquiries for the products
listed in this page to World Products Inc.
DC characteristics
Rth (j- )


Similar Part No. - VR-60SS

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VR-60 FUJITSU-VR-60 Datasheet
98Kb / 5P
POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
logo
Shindengen Electric Mfg...
VR-60B SHINDENGEN-VR-60B Datasheet
325Kb / 2P
Varistor
VR-60BP SHINDENGEN-VR-60BP Datasheet
252Kb / 2P
Varistor
More results

Similar Description - VR-60SS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV-2SS SANKEN-SV-2SS Datasheet
15Kb / 1P
Symmetrical type Silicon Varistors
SV02YS SANKEN-SV02YS Datasheet
15Kb / 1P
Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV02YS ETC-SV02YS Datasheet
15Kb / 1P
Symmetrical type Silicon Varistors
SV04 ETC-SV04 Datasheet
15Kb / 1P
Symmetrical type Silicon Varistors
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
VARISTORS
logo
SAMWHA ELECTRIC
SVC121D-05A SAMWHA-SVC121D-05A Datasheet
2Mb / 10P
SVC Varistors Type
logo
Cherry Semiconductor Co...
JM-0800 CHERRY-JM-0800 Datasheet
127Kb / 2P
Symmetrical design
logo
Schneider Electric
SSLM1ND101BD SCHNEIDER-SSLM1ND101BD Datasheet
184Kb / 2P
Symmetrical DIN rail
logo
Carlo Gavazzi Holding A...
ECSSM23A10SF CARLOGAVAZZI-ECSSM23A10SF Datasheet
114Kb / 2P
Timers Symmetrical Recycler Type ECS
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
Varistors (ZNR Surge Absorber) Type D
14-Dec-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com